| Electronic Components Datasheet Search |
|
AD795 Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD795 Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 16 page ![]() AD795 REV. A –9– CIRCUIT BOARD NOTES The AD795 is designed for throughhole mounting on PC boards, using either mini-DIP or surface mount (SOIC). Maintaining picoampere resolution in those environments requires a lot of care. Both the board and the amplifier’s package have finite resistance. Voltage differences between the input pins and other pins as well as PC board metal traces will cause parasitic currents (Figure 30) larger than the AD795’s input current unless special precautions are taken. Two methods of minimizing parasitic leakages are guarding of the input lines and maintaining adequate insulation resistance. Figures 31 and 32 show the recommended guarding schemes for follower and inverted topologies. Note that for the mini-DIP, the guard trace should be on both sides of the board. On the SOIC, Pin 1 is not connected, and can be safely connected to the guard. The high impedance input trace should be guarded on both edges for its entire length. 6 3 2 AD795 CF VOUT RF IS + – VE IP RP VS CP IP = + VS+ CP VS RP dCP dT dVS dT Figure 30. Sources of Parasitic Leakage Currents 6 3 2 1 2 3 4 8 7 6 5 TOP VIEW ("N" PACKAGE) AD795 8 7 6 5 1 2 3 4 BOTTOM VIEW ("N" PACKAGE) GUARD TRACES PARALLEL TO BOTH EDGES OF INPUT TRACE INPUT TRACE TO ANALOG COMMON AD795 C F V OUT GUARD R F I S + – 1 2 3 4 8 7 6 5 –V S ("R" PACKAGE) TOP VIEW NOTE: ON THE "R" PACKAGE PINS 1, 5 AND 8 ARE OPEN AND CAN BE CONNECTED TO ANALOG COMMON OR TO THE DRIVEN GUARD TO REDUCE LEAKAGE. Figure 31. Guarding Scheme–lnverter 6 2 3 1 2 3 4 8 7 6 5 AD795 GUARD TRACES INPUT TRACE AD795 VOUT GUARD VS + – RF RI + – CONNECT TO JUNCTION OF RF AND RI, OR TO PIN 6 FOR UNITY GAIN. –VS TOP VIEW Figure 32. Guard Scheme–Follower |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |