Electronic Components Datasheet Search
  English  ▼

X  

4614 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # 4614
Description  40V Dual P N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

4614 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  4614 Datasheet HTML 1Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 2Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 3Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 4Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 5Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 6Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AO4614B
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: P-CHANNEL
9
12
0
2
4
6
8
10
0
3
6
9
12
15
18
Qg (nC)
Figure 18: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
10
20
30
40
-VDS (Volts)
Figure 19: Capacitance Characteristics
Ciss
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 21: Single Pulse Power Rating Junction-
to-Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 22: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
-VDS (Volts)
Figure 20: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
TJ(Max)=150°C
TA=25°C
RDS(ON)
limited
VDS=-20V
ID= -5A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=74°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10
µs
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com