Electronic Components Datasheet Search
  English  ▼

X  

4614 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # 4614
Description  40V Dual P N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

4614 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  4614 Datasheet HTML 1Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 2Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 3Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 4Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 5Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 6Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
IAR
EAR
mJ
TJ, TSTG
°C
Symbol
Device
Typ
Max
Units
n-ch
48
62.5
°C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
50
°C/W
p-ch
48
62.5
°C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
50
°C/W
20
A
14
-20
9.8
Power Dissipation
Continuous Drain
Current
A
ID
PD
Avalanche Current
B
Repetitive avalanche energy L=0.1mH
B
TA=25°C
TA=70°C
Pulsed Drain Current
B
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
40
-40
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
W
6
5
30
2
1.28
-4
-5
2
1.28
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-30
TA=70°C
TA=25°C
Steady-State
Junction and Storage Temperature Range
Thermal Characteristics: n-channel and p-channel
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
AO4614B
40V Dual P + N-Channel MOSFET
Product Summary
N-Channel
P-Channel
VDS (V) = 40V,
-40V
ID = 6A (VGS=10V)
-5A (VGS=-10V)
RDS(ON)
< 30m
Ω (V
GS=10V)
< 45m
Ω (VGS= -10V)
< 38m
Ω (V
GS=4.5V)
< 63m
Ω (VGS= -4.5V)
100% UIS Tested
100% UIS Tested
100% Rg Tested
100% Rg Tested
General Description
The AO4614B uses advanced trench technology
MOSFETs to provide excellent RDS(ON) and low gate
charge. The complementary MOSFETs may be used
in H-bridge, Inverters and other applications.
G1
S1
G2
S2
D1
D1
D2
D2
2
4
5
1
3
8
6
7
Top View
G1
D1
S1
G2
D2
S2
n-channel
p-channel
SOIC-8
Top View
Bottom View
Pin1
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - 4614

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4614 POMONA-4614 Datasheet
29Kb / 1P
Mounting Base, Triple Banana Jack and Binding Post, Miniature
logo
Heyco.
4614 HEYCO-4614 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
VECTOR ELECTRONICS AND ...
4614 VECTOR-4614 Datasheet
3Mb / 1P
Vectorbord® Plugbordtm
4614-3 VECTOR-4614-3 Datasheet
3Mb / 1P
Vectorbord® Plugbordtm
4614-5 VECTOR-4614-5 Datasheet
3Mb / 1P
Vectorbord® Plugbordtm
More results

Similar Description - 4614

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4882 AOSMD-AO4882 Datasheet
349Kb / 5P
40V Dual N-Channel MOSFET
AO4884 AOSMD-AO4884 Datasheet
203Kb / 6P
40V Dual N-Channel MOSFET
AO4840 AOSMD-AO4840_11 Datasheet
316Kb / 5P
40V Dual N-Channel MOSFET
AON6884 AOSMD-AON6884 Datasheet
250Kb / 6P
40V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
40V Dual N-Channel MOSFET
logo
TRINAMIC Motion Control...
TMC1420-LA TRINAMIC-TMC1420-LA Datasheet
1Mb / 12P
Dual N & P-Channel 40V Power MOSFET
logo
Shenzhen hui lida elect...
HLD4025 HUILIDA-HLD4025 Datasheet
851Kb / 4P
40V NP Dual Channel MOSFET
logo
First Silicon Co., Ltd
FTK4701 FS-FTK4701 Datasheet
1Mb / 6P
40V NP Dual Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com