Electronic Components Datasheet Search
  English  ▼

X  

4614 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # 4614
Description  40V Dual P N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

4614 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  4614 Datasheet HTML 1Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 2Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 3Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 4Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 5Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 6Page - Alpha & Omega Semiconductors 4614 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AO4614B
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
1.7
2.5
3
V
ID(ON)
30
A
24
30
TJ=125°C
36
45
30
38
gFS
19
S
VSD
0.76
1
V
IS
2
A
Ciss
410
516
650
pF
Coss
82
pF
Crss
43
pF
Rg
4.6
Ω
Qg (10V)
8.9
10.8
nC
Qg (4.5V)
4.3
5.6
nC
Qgs
2.4
nC
Qgd
1.4
nC
tD(on)
6.4
ns
tr
3.6
ns
tD(off)
16.2
ns
tf
6.6
ns
trr
18
24
ns
Qrr
10
nC
9
12
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Output Capacitance
Input Capacitance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
IS=1A,VGS=0V
VGS=10V, ID=6A
Diode Forward Voltage
VGS=10V, VDS=20V, RL=3.3Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=20V,
ID=6A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS=4.5V, ID=5A
VDS=5V, ID=6A
m
Ω
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
N Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=40V, VGS=0V
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge IF=6A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=6A, dI/dt=100A/µs
Total Gate Charge
VGS=0V, VDS=20V, f=1MHz
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev2 : Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com