Electronic Components Datasheet Search
  English  ▼

X  

AD8010 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8010
Description  200 mA Output Current High Speed Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010 Datasheet(HTML) 5 Page - Analog Devices

  AD8010 Datasheet HTML 1Page - Analog Devices AD8010 Datasheet HTML 2Page - Analog Devices AD8010 Datasheet HTML 3Page - Analog Devices AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8010
–5–
REV. A
5.035
5.015
5.0
4.985
4.965
FREQUENCY – MHz
5
–5
–15
–25
–35
–45
–55
–65
–75
–85
G = +2
RL = 18.75
fO = 5MHz
f = 10kHz
4dBm
4dBm
POUT
–69dBm
–69dBm
Figure 9. Intermodulation Distortion
POUT – dBm
–35
–75
–105
–10
12
–8
–6
–4
–2
0
2
4
6
8
10
–45
–55
–85
–95
–65
FREQUENCY = 5MHz
G = +2
RL = AS SHOWN (SEE SCHEMATIC)
RL1 = FOR RL = 100
RL1 = 23.1 FOR RL = 18.75
50
50
POUT
PIN
RF
RG
150
50
RL1
RL = 100
RL = 18.75
Figure 10. Total Harmonic Distortion vs. POUT; G = +2
FREQUENCY – MHz
2
1
–7
0.1
1000
1
10
100
0
–1
–6
–2
–3
–4
–5
GAIN AS SHOWN
VO = 0.2V p-p
RL = 18.75
G = +1
G = +2
G = +3
Figure 11. Small Signal Closed-Loop Frequency
Response; RL = 18.75 Ω
FREQUENCY – MHz
010
12345
6
789
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
RF
GAIN = 6.6
50
50
RG
50
150
PMEASURE = 10dBm
(FULL SCALE)
500kHz TONE SPACING FROM
500kHz TO 5.5MHz WITH
4 MISSING TONES
Figure 12. Multitone Distortion; RL = 100 Ω
G = +2
VO = 2V p-p
f = 5MHz
LOAD –
–55
–60
–65
–70
–75
–80
–85
–90
15
100
200
300
400
500
2ND
3RD
Figure 13. Harmonic Distortion vs. Load
FREQUENCY – MHz
8.0
0.0
1
1000
10
100
7.0
6.0
2.0
5.0
4.0
3.0
1.0
G = +2
VO = 0.2V p-p
NUMBER OF VIDEO LOADS AS SHOWN
12
4
1
8
Figure 14. Closed-Loop Frequency Response vs.
Number of Video Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com