Electronic Components Datasheet Search
  English  ▼

X  

AD8010 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8010
Description  200 mA Output Current High Speed Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8010 Datasheet HTML 3Page - Analog Devices AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices AD8010 Datasheet HTML 10Page - Analog Devices AD8010 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8010
–7–
REV. A
–0.05
0.2
0
–0.1
–0.2
0.1
0.05
–0.15
0.15
G = +1
RL = 18.75
VO = 0.2V p-p
50mV
20ns
Figure 21. Small-Signal Pulse Response; G = +1
–0.05
0.2
0
–0.1
–0.2
0.1
0.05
–0.15
0.15
50mV
20ns
G = +2, –1
RL = 18.75
VO = 0.2V p-p
Figure 22. Small-Signal Pulse Response; G = +2, –1
100
10
FREQUENCY – Hz
1k
10
100
10k
100k
1M
1
10M
Figure 23. Input Voltage Noise vs. Frequency
1V
20ns
G = +1
RL = 18.75
VO = 4V p-p
5
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 24. Large-Signal Pulse Response; G = +1
1V
20ns
G = +2, –1
RL = 18.75
VO = 4V p-p
4
3
2
1
0
–1
–2
–3
–4
Figure 25. Large-Signal Pulse Response; G = +2, –1
INVERTING CURRENT
NONINVERTING CURRENT
100
10
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
1000
10M
Figure 26. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com