Electronic Components Datasheet Search
  English  ▼

X  

AD8010 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8010
Description  200 mA Output Current High Speed Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices AD8010 Datasheet HTML 10Page - Analog Devices AD8010 Datasheet HTML 11Page - Analog Devices AD8010 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8010
–11–
REV. A
Closed-Loop Gain and Bandwidth
The AD8010 is a current feedback amplifier optimized for use
in high performance video and data acquisition applications.
Since it uses a current feedback architecture, its closed-loop
–3 dB bandwidth is dependent on the magnitude of the feed-
back resistor. The desired closed-loop bandwidth and gain are
obtained by varying the feedback resistor (RF) to set the band-
width, and varying the gain resistor (RG) to set the desired gain.
The characteristic curves and specifications for this data sheet
reflect the performance of the AD8010 using the values of RF
noted at the top of the specifications table. If a greater –3 dB band-
width and/or slew rate is required (at the expense of video per-
formance), Table I provides the recommended resistor values.
Figure 32 shows the test circuit and conditions used to produce
Table I.
Effect of Feedback Resistor Tolerance on Gain Flatness
Because of the relationship between the 3 dB bandwidth and the
feedback resistor, the fine scale gain flatness will, to some ex-
tent, vary with feedback resistor tolerance. It is therefore recom-
mended that resistors with a 1% tolerance be used if it is desired
to maintain flatness over a wide range of production lots. In
addition, resistors of different construction have different associ-
ated parasitic capacitance and inductance. Metal-film resistors
were used for the bulk of the characterization for this data sheet.
It is possible that values other than those indicated will be opti-
mal for other resistor types.
Quality of Coaxial Cable
Optimum flatness when driving a coax cable is possible only
when the driven cable is terminated at each end with a resistor
matching its characteristic impedance. If the coax was ideal,
then the resulting flatness would not be affected by the length of
the cable. While outstanding results can be achieved using inex-
pensive cables, it should be noted that some variation in flatness
due to varying cable lengths may be experienced.
150
50
RF
RG
VOUT
18.75
VIN
Figure 32. Test Circuit for Table I
NOTES
1V
O = 0.2 V p-p for –3 dB Bandwidth.
2V
O = 2 V p-p for Slew Rate.
3Bypassing per Figure 29.
Table I. –3 dB Bandwidth and Slew Rate vs. Closed-Loop
Gain and Resistor Values
Package: N-8
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
453
∞
285
900
+2
374
374
255
900
+5
348
86.6
200
800
+10
562
61.9
120
550
Package: R-16
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
412
∞
245
900
+2
392
392
220
900
+5
392
97.6
160
800
+10
604
66.5
95
550
Package: SO-8
Closed-Loop
–3 dB BW
Slew Rate
Gain
RF ( )RG ( )
(MHz)
(V/ s)
+1
392
∞
345
950
+2
374
374
305
1000
+5
348
86.6
220
1000
+10
499
54.9
135
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com