Electronic Components Datasheet Search
  English  ▼

X  

AD8013 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8013
Description  Single Supply, Low Power, Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8013 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8013 Datasheet HTML 3Page - Analog Devices AD8013 Datasheet HTML 4Page - Analog Devices AD8013 Datasheet HTML 5Page - Analog Devices AD8013 Datasheet HTML 6Page - Analog Devices AD8013 Datasheet HTML 7Page - Analog Devices AD8013 Datasheet HTML 8Page - Analog Devices AD8013 Datasheet HTML 9Page - Analog Devices AD8013 Datasheet HTML 10Page - Analog Devices AD8013 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–7–
REV. A
AD8013
FREQUENCY – Hz
1k
100M
10k
100k
1M
10M
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
G = +2
VO = 2V p-p
VS = ±5V
2nd
RL = 150Ω
2nd
RL = 1kΩ
3rd
RL = 1kΩ
3rd
RL = 150Ω
Figure 15. Harmonic Distortion vs. Frequency
OUTPUT STEP SIZE – V p-p
18
23
4567
1800
1600
800
600
400
200
1200
1000
1400
VS = ±5V
RL = 500Ω
G = +10
G = –1
G = +2
G = +1
Figure 16. Slew Rate vs. Output Step Size
10
0%
100
90
20ns
2V
2V
VIN
VOUT
Figure 17. Large Signal Pulse Response, Gain = +1,
(RF = 2 k
Ω, R
L = 150
Ω, V
S =
±5 V)
FREQUENCY – Hz
1M
1G
10M
100M
–6
+1
0
–1
–2
–3
–4
–5
0
–90
–180
–270
G = +1
RL = 150Ω
VS = ±5V
VS = +5V
VS = +5V
VS = ±5V
GAIN
PHASE
Figure 18. Closed-Loop Gain and Phase vs. Frequency,
G = +1, RL = 150 Ω
SUPPLY VOLTAGE –
±Volts
2000
1.5
7.5
2.5
3.5
4.5
5.5
6.5
1800
1200
600
400
200
1600
1400
1000
800
G = +10
G = –1
G = +2
G = +1
Figure 19. Maximum Slew Rate vs. Supply Voltage
10
0%
100
90
20ns
500mV
500mV
VIN
VOUT
Figure 20. Small Signal Pulse Response, Gain = +1,
(RF = 2 kΩ, RL = 150 Ω, VS = ±5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com