Electronic Components Datasheet Search
  English  ▼

X  

AD8013 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8013
Description  Single Supply, Low Power, Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8013 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8013 Datasheet HTML 4Page - Analog Devices AD8013 Datasheet HTML 5Page - Analog Devices AD8013 Datasheet HTML 6Page - Analog Devices AD8013 Datasheet HTML 7Page - Analog Devices AD8013 Datasheet HTML 8Page - Analog Devices AD8013 Datasheet HTML 9Page - Analog Devices AD8013 Datasheet HTML 10Page - Analog Devices AD8013 Datasheet HTML 11Page - Analog Devices AD8013 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. A
AD8013
FREQUENCY – Hz
1.5
1.0
–2.0
1M
1G
10M
100M
0.5
0
–0.5
–1.0
–1.5
G = +2
RL = 150Ω
VS = +5V
VS = ±5V
Figure 34. Closed-Loop Gain Matching vs. Frequency
FREQUENCY – Hz
10
8
2
4
6
–1.0
0.5
0
–0.5
1.0
100k
100M
1M
10M
VS = +5V
VS = ±5V
G = +2
RL = 150Ω
G = +2
RL = 150Ω
DELAY
MATCHING
DELAY
VS = +5V
VS = ±5V
Figure 35. Group Delay and Group Delay Matching
vs. Frequency, G = +2, RL = 150 Ω
Disable Mode Operation
Pulling the voltage on any one of the Disable pins about 1.6 V
up from the negative supply will put the corresponding
amplifier into a disabled, powered down, state. In this
condition, the amplifier’s quiescent current drops to about
0.3 mA, its output becomes a high impedance, and there is
a high level of isolation from input to output. In the case of
the gain of two line driver for example, the impedance at the
output node will be about the same as for a 1.6 k
Ω resistor
(the feedback plus gain resistors) in parallel with a 12 pF
capacitor and the input to output isolation will be about
66 dB at 5 MHz.
Leaving the Disable pin disconnected (floating) will leave
the corresponding amplifier operational, in the enabled
state. The input impedance of the disable pin is about 40 k
Ω
in parallel with a few picofarads. When driven to 0 V, with
the negative supply at –5 V, about 100
µA flows into the
disable pin.
When the disable pins are driven by complementary output
CMOS logic, on a single 5 V supply, the disable and enable
times are about 50 ns. When operated on dual supplies,
level shifting will be required from standard logic outputs to
the Disable pins. Figure 36 shows one possible method
which results in a negligible increase in switching time.
+5V
10k
TO DISABLE PIN
VI
VI HIGH => AMPLIFIER ENABLED
VI LOW => AMPLIFIER DISABLED
–5V
4k
8k
Figure 36. Level Shifting to Drive Disable Pins on Dual
Supplies
The AD8013’s input stages include protection from the large
differential input voltages that may be applied when disabled.
Internal clamps limit this voltage to about
±3 V. The high input to
output isolation will be maintained for voltages below this limit.
3:1 Video Multiplexer
Wiring the amplifier outputs together will form a 3:1 mux with
excellent switching behavior. Figure 37 shows a recommended
configuration which results in –0.1 dB bandwidth of 35 MHz
and OFF channel isolation of 60 dB at 10 MHz on
±5 V
supplies. The time to switch between channels is about 50 ns.
Switching time is virtually unaffected by signal level.
665
Ω
75
Ω
VIN1
84
Ω
845
Ω
DISABLE 1
VOUT
75
Ω
75
Ω
CABLE
–VS
7
6
5
4
+VS
1
665
Ω
75
Ω
VIN2
84
Ω
845
Ω
DISABLE 2
14
13
12
2
665
Ω
75
Ω
VIN3
84
Ω
845
Ω
8
9
10
3
11
DISABLE 3
Figure 37. A Fast Switching 3:1 Video Mux (Supply
Bypassing Not Shown)
10
0%
100
90
200ns
500mV
5V
Figure 38. Channel Switching Characteristic for the
3:1 Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com