Electronic Components Datasheet Search
  English  ▼

X  

AD8013 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8013
Description  Single Supply, Low Power, Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8013 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8013 Datasheet HTML 4Page - Analog Devices AD8013 Datasheet HTML 5Page - Analog Devices AD8013 Datasheet HTML 6Page - Analog Devices AD8013 Datasheet HTML 7Page - Analog Devices AD8013 Datasheet HTML 8Page - Analog Devices AD8013 Datasheet HTML 9Page - Analog Devices AD8013 Datasheet HTML 10Page - Analog Devices AD8013 Datasheet HTML 11Page - Analog Devices AD8013 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD8013
REV. A
–12–
2:1 Video Multiplexer
Configuring two amplifiers as unity gain followers and using the
third to set the gain results in a high performance 2:1 mux
(Figures 39 and 40). This circuit takes advantage of the very low
crosstalk between Channels 2 and 3 to achieve the OFF channel
isolation shown in Figure 40. This circuit can achieve
differential gain and phase of 0.03% and 0.07
° respectively.
VOUT
VINA
R1
2k
Ω
VINB
R3
10
Ω
R4
10
Ω
R2
2k
Ω
R5
845
Ω
R6
845
Ω
7
6
5
1
14
13
12
2
8
9
10
3
2
3
DISABLE
DISABLE
Figure 39. 2:1 Mux with High Isolation and Low
Differential Gain and Phase Errors
FREQUENCY – Hz
1G
1M
100M
–8
–1
–2
–3
–4
–5
–6
–7
–40
–50
–60
–70
–80
0
1
2
–30
10M
GAIN
FEEDTHROUGH
Figure 40. 2:1 Mux ON Channel Gain and Mux OFF Channel
Feedthrough vs. Frequency
Gain Switching
The AD8013 can be used to build a circuit for switching between
any two arbitrary gains while maintaining a constant input
impedance. The example of Figure 41 shows a circuit for switching
between a noninverting gain of 1 and an inverting gain of 1. The
total time for channel switching and output voltage settling is
about 80 ns.
6
5
4
1
7
+5V
DIS 1
698
Ω 698Ω
15
Ω
VOUT
10
9
3
11
8
–5V
DIS 3
845
Ω
1k
845
Ω
1k
2k
13
14
12
50
Ω
100
Ω
VIN
Figure 41. Circuit to Switch Between Gains of –1 and +1
10
0%
100
90
200ns
500mV
5V
500mV
Figure 42. Switching Characteristic for Circuit of Figure 41
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead Plastic DIP (N-14)
14
17
8
0.795 (20.19)
0.725 (18.42)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
14-Lead SOIC (R-14)
14
8
7
1
0.3444 (8.75)
0.3367 (8.55)
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com