Electronic Components Datasheet Search
  English  ▼

X  

AD8015 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8015
Description  Wideband/Differential Output Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015 Datasheet(HTML) 7 Page - Analog Devices

  AD8015 Datasheet HTML 1Page - Analog Devices AD8015 Datasheet HTML 2Page - Analog Devices AD8015 Datasheet HTML 3Page - Analog Devices AD8015 Datasheet HTML 4Page - Analog Devices AD8015 Datasheet HTML 5Page - Analog Devices AD8015 Datasheet HTML 6Page - Analog Devices AD8015 Datasheet HTML 7Page - Analog Devices AD8015 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8015
REV. A
–7–
NC = NO CONNECT
1
2
3
4
8
7
6
5
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
VEE
SDOUT
AVCC
PIN
NIN
AVCC
THRADJ
AVEE
AD807
NC
IIN
NC
VBYP
+VS
+OUT
–VS
–OUT
R10
154
R11
154
R6 100
C7
R5 100
R1
100
R2
100
C1
0.1µF
C2
0.1µF
C3
0.1µF
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
C4
0.1µF
C6
0.1µF
R4
100
R8 100
R7 100
R3
100
C8
R12
154
TP1
TP2
DAMPING
CAP,0.22µF
R11
154
C5
0.1µF
CD
TP8
TP7
SDOUT
C1
100pF
C11
TP6
TP5
100
pF
R13
THRADJ
C9
10µF
C10
GND
TP4
R14
50
R15
50
R16
301
R17
3.65k
C13
0.1µF
5V
TP3
AD8015
C15
0.1µF
15pF
10µF
0.1µF
15pF
0.1µF
0.01µF
ABB HAFO
1A227
FC HOUSING
0.8 A/W, 0.7pF
2.5GHz
NOTES
1. ALL CAPS ARE CHIP,
15pF ARE MICA.
2. 150 nH ARE SMT
C14
0.1µF
50
Ω
LINE
50
Ω
LINE
C12
2.2µF
150nH
150nH
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CLKOUTP
VCC1
CF1
CF2
Figure 16. 155 Mbps Fiber Optic Receiver Schematic
Table I. AD8015, AD807 Fiber Optic Receiver Circuit:
Output Bit Error Rate & Output Jitter vs. Average Input Power
Average Optical
Output Bit
Output Jitter
Input Power (dBm)
Error Rate
(ps rms)
–6.4
Loses Lock
–6.45
1.2
× 10–2
–6.50
7.5
× 10–3
–6.60
9.4
× 10–4
–6.70
1
× 10–14
–7.0 to
1
× 10–14
< 40
–35.50
–36.00
3.0
× 10–12
< 40
–36.50
4.8
× 10–10
–37.00
2.8
× 10–8
–37.50
8.2
× 10–7
–38.00
1.3
× 10–5
–38.50
1.1
× 10–4
–39.00
1.0
× 10–3
–39.1
1.3
× 10–3
–39.20
1.9
× 10–3
–39.25
2.2
× 10–3
–39.30
Loses Lock



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com