Electronic Components Datasheet Search
  English  ▼

X  

AD8015 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8015
Description  Wideband/Differential Output Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015 Datasheet(HTML) 8 Page - Analog Devices

  AD8015 Datasheet HTML 1Page - Analog Devices AD8015 Datasheet HTML 2Page - Analog Devices AD8015 Datasheet HTML 3Page - Analog Devices AD8015 Datasheet HTML 4Page - Analog Devices AD8015 Datasheet HTML 5Page - Analog Devices AD8015 Datasheet HTML 6Page - Analog Devices AD8015 Datasheet HTML 7Page - Analog Devices AD8015 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. A
–8–
AD8015
AC COUPLED PHOTODIODE APPLICATION FOR
IMPROVED DYNAMIC RANGE
AC coupling the photodiode current input to the AD8015 (Fig-
ure 17) extends fiber optic receiver overload by 3 dB while sacri-
ficing only 1 dB of sensitivity (increasing receiver dynamic range
by 2 dB). This application results in typical overload of –4 dBm,
and typical sensitivity of –35 dBm. AC coupling the input also
results in improved pulse width modulation performance.
Careful attention to minimize parasitic capacitance at the
AD8015 input (from the photodetector input), RAC and CAC are
critical for sensitivity performance in this application. Note that
CAC of 0.01
µF was chosen for a low frequency cutoff equal to
2.2 kHz.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline IC Package (SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.020 (0.51)
0.013 (0.33)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
0.2440 (6.20)
0.2284 (5.80)
V1
+VS
CLOCK
RECOVERY
LPF:
3dB@
0.7 x F
LPF:
3dB@
0.7 x F
QUANTIZER
R > 40
Ω
C1 >100pF
4.5V < VS < 11V
CLK
DATA
R
R
C1
10k
Ω
5
6
7
8
4
3
2
1
AD8015
50
Ω
+1
G = 3
G = 30
50
Ω
+1
– +
+VS
1.7V
+VS
CAC
0.01µF
RAC
7k
Figure 17. AC Coupled Photodiode Application for Improved Dynamic Range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com