Electronic Components Datasheet Search
  English  ▼

X  

AD8015 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8015
Description  Wideband/Differential Output Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015 Datasheet(HTML) 1 Page - Analog Devices

  AD8015 Datasheet HTML 1Page - Analog Devices AD8015 Datasheet HTML 2Page - Analog Devices AD8015 Datasheet HTML 3Page - Analog Devices AD8015 Datasheet HTML 4Page - Analog Devices AD8015 Datasheet HTML 5Page - Analog Devices AD8015 Datasheet HTML 6Page - Analog Devices AD8015 Datasheet HTML 7Page - Analog Devices AD8015 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
10k
Ω
5
6
7
8
4
3
2
1
AD8015
50
Ω
+1
NC
IIN
NC
VBYP
–VS
–OUTPUT
+OUTPUT
+VS
G = 3
G = 30
NC = NO CONNECT
50
Ω
+1
– +
+VS
1.7V
25.0E+3
20.0E+3
000.E+0
10.0E+6
100.0E+6
1.0E+9
15.0E+3
10.0E+3
5.0E+3
FREQUENCY – Hz
DIFFERENTIAL
SINGLE-ENDED
Figure 1. Differential/Single-Ended Transimpedance vs.
Frequency
5.0
4.5
4.0
3.5
3.0
2.5
2.0
100.0E+6
20.0E+6
000.0E+0
80.0E+6
60.0E+6
40.0E+6
FREQUENCY – Hz
3.0pF
2.0pF
1.5pF
1.0pF
0.5pF
Figure 2. Noise vs. Frequency (SO-8 Package with
Added Capacitance)
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Wideband/Differential Output
Transimpedance Amplifier
AD8015
FEATURES
Low Cost, Wide Bandwidth, Low Noise
Bandwidth: 240 MHz
Pulse Width Modulation: 500 ps
Rise Time/Fall Time: 1.5 ns
Input Current Noise: 3.0 pA/
√Hz @ 100 MHz
Total Input RMS Noise: 26.5 nA to 100 MHz
Wide Dynamic Range
Optical Sensitivity: –36 dBm @ 155.52 Mbps
Peak Input Current:
350
A
Differential Outputs
Low Power: 5 V @ 25 mA
Wide Operating Temperature Range: –40 C to +85 C
APPLICATIONS
Fiber Optic Receivers: SONET/SDH, FDDI, Fibre Channel
Stable Operation with High Capacitance Detectors
Low Noise Preamplifiers
Single-Ended to Differential Conversion
I-to-V Converters
PRODUCT DESCRIPTION
The AD8015 is a wide bandwidth, single supply transimpedance
amplifier optimized for use in a fiber optic receiver circuit. It is a
complete, single chip solution for converting photodiode current
into a differential voltage output. The 240 MHz bandwidth enables
AD8015 application in FDDI receivers and SONET/SDH
receivers with data rates up to 155 Mbps. This high bandwidth
supports data rates beyond 300 Mbps. The differential outputs
drive ECL directly, or can drive a comparator/ fiber optic post
amplifier.
In addition to fiber optic applications, this low cost, silicon al-
ternative to GaAs-based transimpedance amplifiers is ideal for
systems requiring a wide dynamic range preamplifier or single-
ended to differential conversion. The IC can be used with a
standard ECL power supply (–5.2 V) or a PECL (+5 V) power
supply; the common mode at the output is ECL compatible.
The AD8015 is available in die form, or in an 8-pin SOIC
package.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - AD8015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Similar Description - AD8015

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
10 GB/s Differential Transimpedance Amplifier
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com