Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 5 Page - Analog Devices

  AD8022 Datasheet HTML 1Page - Analog Devices AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD8022
–5–
REV. 0
FREQUENCY – MHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
1
10
100
500
VIN = 0.05V p-p
VIN = 0.2V p-p
VIN = 0.4V p-p
VIN = 0.8V p-p
VIN = 2V p-p
VIN
VOUT
50
56.2
453
402
0.1
Figure 3. Frequency Response vs. Signal Level,
VS = ±12 V, G = 1
FREQUENCY – Hz
0.4
100k
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
1M
10M
100M
G = 1
RL = 509V
12V
5.0V
2.5V
Figure 4. Fine-Scale Gain Flatness vs. Frequency, G = 1
SUPPLY VOLTAGE –
Volts
140
0
014
2
46
8
10
12
120
80
60
40
20
100
G = +1, RF = 402
G = +2, RF = 715
Figure 5. Bandwidth vs. Supply, RL = 500 Ω, VIN = –10 dBm
FREQUENCY – MHz
0.1
10
100
500
1
5
4
3
2
1
0
–1
–2
–3
–4
–5
50
50
50
RF
RF = 402
RF = 0
RF = 715
VIN
VOUT
Figure 6. Frequency Response vs. RF, G = 1, VS = ±12 V,
VIN = 22 dBm
FREQUENCY – Hz
0.4
100k
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
1M
10M
100M
G = 2
RL = 509V
12V
5.0V
2.5V
Figure 7. Fine-Scale Gain Flatness vs. Frequency, G = 2
SUPPLY VOLTAGE – Volts
70
2.5
60
50
40
30
20
10
0
4.5
6.5
8.5
10.5
12.5
NEGATIVE EDGE
POSITIVE EDGE
Figure 8. Slew Rate vs. Supply Voltage, VS = ±12 V, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com