Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8022
–8–
REV. 0
FREQUENCY – kHz
549.3 550.3 551.3 552.3 553.3 554.3 555.3 556.3 557.3 558.3 559.3
–66.7dBc
Figure 21. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
FREQUENCY – kHz
549.3 550.3 551.3 552.3 553.3 554.3 555.3 556.3 557.3 558.3 559.3
–66.0dBc
Figure 22. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
TEMPERATURE – C
–60
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–20
0
20
40
60
80
100
120
140
VS = 12V
VS = 2.5V
Figure 23. Bias Current vs. Temperature
FREQUENCY – kHz
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4 110.4 111.4 112.4
–69.0dBc
Figure 24. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream
FREQUENCY – kHz
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4 110.4 111.4 112.4
–67.2dBc
Figure 25. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream
TEMPERATURE – C
8.5
8.0
5.0
–50
150
0
50
100
7.0
6.5
6.0
5.5
7.5
VS = 12V
VS = 2.5V
Figure 26. Total Supply Current Over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com