Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices AD8022 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD8022
–9–
REV. 0
FREQUENCY – Hz
100
31.6
10
3.16
1
0.316
0.1
0.0316
1M
10M
100M
500M
100k
30k
Figure 27. Output Impedance vs. Frequency, VS = ±12 V
FREQUENCY – Hz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1M
10M
100M
100k
SIDE A OUT
SIDE B OUT
Figure 28. Output-to-Output Crosstalk vs. Frequency,
VS = ±12 V
FREQUENCY – Hz
–10
1k
–30
–50
–70
–90
–110
10k
100k
1M
604
604
154
56.7
50
154
Figure 29. CMRR vs. Frequency
FREQUENCY – kHz
0.1
10
100
500
1
0pF
30pF
50pF
5
4
3
2
1
0
–1
–2
–3
–4
–5
50
715
715
CL
RS
56.2
453
+
VIN
VOUT
Figure 30. Frequency Response vs. Capacitive Load,
CL = 0 pF, 30 pF and 50 pF, RS = 0 Ω
FREQUENCY – Hz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1M
10M
100M
100k
SIDE A OUT
SIDE B OUT
Figure 31. Output -to-Output Crosstalk vs. Frequency,
VS = ± 2.5 V
TEMPERATURE – Degrees
0
–60
–0.5
–1.0
–1.5
–2.0
–2.5
20
–40
–20
0
40
60
80
100
120
140
SIDE B
VS = +12V
SIDE A
SIDE A
SIDE B
VS = 2.5V
Figure 32. Voltage Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com