Electronic Components Datasheet Search
  English  ▼

X  

AD8019AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8019AR
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8019AR Datasheet HTML 4Page - Analog Devices AD8019AR Datasheet HTML 5Page - Analog Devices AD8019AR Datasheet HTML 6Page - Analog Devices AD8019AR Datasheet HTML 7Page - Analog Devices AD8019AR Datasheet HTML 8Page - Analog Devices AD8019AR Datasheet HTML 9Page - Analog Devices AD8019AR Datasheet HTML 10Page - Analog Devices AD8019AR Datasheet HTML 11Page - Analog Devices AD8019AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD8019
–8–
1000
FREQUENCY – MHz
–90
1
100
10
–80
–70
–60
–50
–40
–30
0.1
0.01
–20
–10
–PSRR
+PSRR
TPC 19. PSRR vs. Frequency; RL = 100
Ω
1000
FREQUENCY – kHz
1
100
10
0.1
0.01
–INOISE
VNOISE
+INOISE
1
10
100
0.1
100
10
1
0.1
TPC 20. Noise vs. Frequency
20ns/DIV
VIN
VOUT
1.1k
1.1k
VIN
VOUT
50
50
50
6.8pF
TPC 21. Settling Time 0.1%; VS =
±12 V, RL = 100 Ω,
VOUT = 2 V p-p
1000
FREQUENCY – MHz
–90
1
100
10
–80
–70
–60
–50
–40
–30
0.1
0.01
–20
–100
TPC 22. Crosstalk vs. Frequency, VS =
±12 V, VS = ±6 V;
G = +2; VIN = 10 dBm
FREQUENCY – MHz
–20
0.001
0
0.01
1000
0.1
1
10
100
–10
10
20
30
40
50
60
70
80
90
100
110
120
2k
50
10
500
10
50
50
50
50
AOL
PHASE
–45
0
45
90
135
180
225
270
TPC 23. Open-Loop Gain and Phase vs. Frequency
VIN
20ns/DIV
1.1k
1.1k
VIN
VOUT
50
50
50
6.8pF
VOUT
TPC 24. Settling Time 0.1%; VS =
±6 V, RL = 100 Ω,
VOUT = 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com