Electronic Components Datasheet Search
  English  ▼

X  

AD8019AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8019AR
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8019AR Datasheet HTML 6Page - Analog Devices AD8019AR Datasheet HTML 7Page - Analog Devices AD8019AR Datasheet HTML 8Page - Analog Devices AD8019AR Datasheet HTML 9Page - Analog Devices AD8019AR Datasheet HTML 10Page - Analog Devices AD8019AR Datasheet HTML 11Page - Analog Devices AD8019AR Datasheet HTML 12Page - Analog Devices AD8019AR Datasheet HTML 13Page - Analog Devices AD8019AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD8019
–10–
11dBm
1.2
TURNS RATIO – N
1.0
1.1
–80
–70
–60
–50
–40
–30
–20
10dBm
–10
0
1.3
1.4
1.5
1.6
1.7
12dBm
13dBm
TPC 30. MTPR vs. Turns Ratio; VS =
±6 V, RL = 100 Ω Line
18dBm
17dBm
1.2
TURNS RATIO – N
1.0
1.1
–80
–70
–60
–50
–40
–30
1.3
1.4
1.5
1.6
1.7
13dBm
16dBm
TPC 31. MTPR vs. Turns Ratio; VS =
±12 V, RL = 100 Ω Line
1.2
TURNS RATIO – N
1.0
1.1
–90
–80
–70
–60
–50
–40
–30
1.3
1.4
1.5
1.6
1.7
11dBm
12dBm
13dBm
10dBm
TPC 32. SFDR vs. Turns Ratio; VS =
±6 V, RL = 100 Ω Line
1.2
TURNS RATIO – N
1.0
1.1
–90
–85
–80
–75
–70
–65
1.3
1.4
1.5
1.6
1.7
–60
–55
–50
17dBm
16dBm
13dBm
18dBm
TPC 33. SFDR vs. Turns Ratio; VS =
±12 V, RL = 100 Ω Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com