Electronic Components Datasheet Search
  English  ▼

X  

AD8047-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD8047-EB
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047-EB Datasheet(HTML) 5 Page - Analog Devices

  AD8047-EB Datasheet HTML 1Page - Analog Devices AD8047-EB Datasheet HTML 2Page - Analog Devices AD8047-EB Datasheet HTML 3Page - Analog Devices AD8047-EB Datasheet HTML 4Page - Analog Devices AD8047-EB Datasheet HTML 5Page - Analog Devices AD8047-EB Datasheet HTML 6Page - Analog Devices AD8047-EB Datasheet HTML 7Page - Analog Devices AD8047-EB Datasheet HTML 8Page - Analog Devices AD8047-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8047/AD8048
REV. 0
–5–
AD8048–Typical Characteristics
PULSE
GENERATOR
R
F
+V
S
R
L = 100Ω
–V
S
V
IN
V
OUT
0.1
µF
10
µF
AD8048
3
2
7
6
0.1
µF
10
µF
4
T
R/T F = 500ps
R
IN
R
T = 49.9Ω
Figure 9. Noninverting Configuration, G = +2
5ns
1V
Figure 10. Large Signal Transient Response;
VO = 4 V p-p, G = +2, RF = RIN = 200 Ω
5ns
100mV
Figure 11. Small Signal Transient Response;
VO = 400 mV p-p, G = +2, RF = RIN = 200 Ω
RS = 100Ω
RF
+VS
RL = 100Ω
–VS
VOUT
0.1
µF
10
µF
AD8048
3
2
7
6
0.1
µF
10
µF
4
TR/TF = 500ps
VIN
PULSE
GENERATOR
RT = 66.5Ω
RIN
Figure 12. Inverting Configuration, G= –1
5ns
1V
Figure 13. Large Signal Transient Response;
VO = 4 V p-p, G = –1, RF = RIN = 200 Ω
5ns
100mV
Figure 14. Small Signal Transient Response;
VO = 400 mV p-p, G = –1, RF = RIN = 200 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com