Electronic Components Datasheet Search
  English  ▼

X  

AD8047-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD8047-EB
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047-EB Datasheet(HTML) 3 Page - Analog Devices

  AD8047-EB Datasheet HTML 1Page - Analog Devices AD8047-EB Datasheet HTML 2Page - Analog Devices AD8047-EB Datasheet HTML 3Page - Analog Devices AD8047-EB Datasheet HTML 4Page - Analog Devices AD8047-EB Datasheet HTML 5Page - Analog Devices AD8047-EB Datasheet HTML 6Page - Analog Devices AD8047-EB Datasheet HTML 7Page - Analog Devices AD8047-EB Datasheet HTML 8Page - Analog Devices AD8047-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8047/AD8048
REV. 0
–3–
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these de-
vices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsu-
lated devices is determined by the glass transition temperature
of the plastic, approximately +150
°C. Exceeding this limit tem-
porarily may cause a shift in parametric performance due to a
change in the stresses exerted on the die by the package. Exceed-
ing a junction temperature of +175
°C for an extended period can
result in device failure.
While the AD8047 and AD8048 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (+150
°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to ob-
serve the maximum power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
0
10
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE –
°C
T
J
= +150
°C
8-PIN MINI-DIP PACKAGE
8-PIN SOIC PACKAGE
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option*
AD8047AN
–40
°C to +85°C
Plastic DIP
N-8
AD8047AR
–40
°C to +85°C
SOIC
R-8
AD8047-EB
Evaluation
Board
AD8048AN
–40
°C to +85°C
Plastic DIP
N-8
AD8048AR
–40
°C to +85°C
SOIC
R-8
AD8048-EB
Evaluation
Board
*N = Plastic DIP; R= SOIC (Small Outline Integrated Circuit)
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
× Bandwidth Product (AD8047) . . . 180 V – MHz
(AD8048) . . . 250 V– MHz
Internal Power Dissipation2
Plastic Package (N) . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . 0.9 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Pin Plastic DIP Package:
θ
JA =
90
°C/Watt
8-Pin SOIC Package:
θ
JA = 140°C/Watt
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
METALIZATION PHOTOS
Dimensions shown in inches and (mm).
Connect Substrate to –VS.
AD8047
+VS
VOUT
–VS
–IN
+IN
0.045
(1.14)
0.044
(1.13)
AD8048
+VS
–VS
–OUT
–IN
+IN
0.045
(1.14)
0.044
(1.13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com