Electronic Components Datasheet Search
  English  ▼

X  

AD8047-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD8047-EB
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8047-EB Datasheet HTML 8Page - Analog Devices AD8047-EB Datasheet HTML 9Page - Analog Devices AD8047-EB Datasheet HTML 10Page - Analog Devices AD8047-EB Datasheet HTML 11Page - Analog Devices AD8047-EB Datasheet HTML 12Page - Analog Devices AD8047-EB Datasheet HTML 13Page - Analog Devices AD8047-EB Datasheet HTML 14Page - Analog Devices AD8047-EB Datasheet HTML 15Page - Analog Devices AD8047-EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. 0
–16–
AD8047/AD8048
SOIC (R)
NONINVERTER
SOIC (R)
INVERTER
Figure 64. Board Layout (Component Side)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP
(N Package)
PIN 1
0.280 (7.11)
0.240 (6.10)
4
5
8
1
0.060 (1.52)
0.015 (0.38)
0.130
(3.30)
MIN
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.430 (10.92)
0.348 (8.84)
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Pin Plastic SOIC
(R Package)
0.019 (0.48)
0.014 (0.36)
0.050
(1.27)
BSC
0.102 (2.59)
0.094 (2.39)
0.197 (5.01)
0.189 (4.80)
0.010 (0.25)
0.004 (0.10)
0.098 (0.2482)
0.075 (0.1905)
0.190 (4.82)
0.170 (4.32)
0.030 (0.76)
0.018 (0.46)
10
°
0
°
0.090
(2.29)
8
°
0
°
0.020 (0.051) x 45
°
CHAMF
1
8
5
4
PIN 1
0.157 (3.99)
0.150 (3.81)
0.244 (6.20)
0.228 (5.79)
0.150 (3.81)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com