Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005BELD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005BELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005BELD Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005BELD Datasheet HTML 1Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 2Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 3Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 4Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 5Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 6Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 7Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 8Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PMEG2005BELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005BELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
4 July 2012
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
VR = 10 V; Tj = 25 °C
-
28
50
µA
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
cathode 1 cm2.
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
Transparent
top view
2
1
DFN1006D-2 (SOD882D)
sym001
1
2
[1] The marking bar indicates the cathode.
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG2005BELD
DFN1006D-2
Leadless ultra small plastic package; 2 terminals
SOD882D
4. Marking
Table 4.
Marking codes
Type number
Marking code
PMEG2005BELD
0010 1000
MARKING CODE
(EXAMPLE)
CATHODE BAR
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac927
Fig. 1. SOD882D binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com