Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005BELD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2005BELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005BELD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG2005BELD Datasheet HTML 2Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 3Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 4Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 5Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 6Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 7Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 8Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 9Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
PMEG2005BELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005BELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
4 July 2012
6 / 13
006aac931
10-3
10-2
10-1
1
IF
(A)
10-4
VF (V)
0.0
0.5
0.4
0.2
0.3
0.1
(1)
(2)
(3)
(4)
(5)
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 5. Forward current as a function of forward
voltage; typical values
006aac932
10-1
10-2
10-3
10-4
10-5
10-6
10-7
IR
(A)
10-8
VR (V)
0
20
15
5
10
(1)
(2)
(3)
(4)
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig. 6. Reverse current as a function of reverse
voltage; typical values
VR (V)
0
20
15
5
10
006aac933
40
50
30
20
10
60
70
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 7. Diode capacitance as a function of reverse
voltage; typical values
006aac934
IF(AV) (A)
0.00
0.75
0.50
0.25
0.10
0.15
0.05
0.20
0.25
PF(AV)
(W)
0.00
(1)
(2)
(3)
(4)
Tj = 150 °C
(1) δ = 0.1
(2) δ = 0.2
(3) δ = 0.5
(4) δ = 1
Fig. 8. Average forward power dissipation as a
function of average forward current; typical
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com