Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005BELD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG2005BELD
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005BELD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG2005BELD Datasheet HTML 3Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 4Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 5Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 6Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 7Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 8Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 9Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 10Page - NXP Semiconductors PMEG2005BELD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PMEG2005BELD
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005BELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
4 July 2012
7 / 13
VR (V)
0
20
15
5
10
006aac935
0.4
0.8
1.2
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1 (DC)
(2) δ = 0.9; f = 20 kHz
(3) δ = 0.8; f = 20 kHz
(4) δ = 0.5; f = 20 kHz
Fig. 9. Average reverse power dissipation as a
function of reverse voltage; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aac936
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
FR4 PCB, standard footprint
Tj = 150 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 10. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aac937
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 11. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aac938
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 12. Average forward current as a function of
ambient temperature; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com