Electronic Components Datasheet Search
  English  ▼

X  

AD8108 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8108
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8108 Datasheet HTML 14Page - Analog Devices AD8108 Datasheet HTML 15Page - Analog Devices AD8108 Datasheet HTML 16Page - Analog Devices AD8108 Datasheet HTML 17Page - Analog Devices AD8108 Datasheet HTML 18Page - Analog Devices AD8108 Datasheet HTML 19Page - Analog Devices AD8108 Datasheet HTML 20Page - Analog Devices AD8108 Datasheet HTML 21Page - Analog Devices AD8108 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8108/AD8109
–18–
REV. 0
Some systems use twisted-pair wiring to carry video signals.
These systems utilize differential signals and can lower costs
because they use lower cost cables, connectors and termination
methods. They also have the ability to lower crosstalk and reject
common-mode signals, which can be important for equipment
that operates in noisy environments or where common-mode
voltages are present between transmitting and receiving equipment.
In such systems, the video signals are differential; there is a
positive and negative (or inverted) version of the signals. These
complementary signals are transmitted onto each of the two
wires of the twisted pair, yielding a first order zero common-
mode signal. At the receive end, the signals are differentially
received and converted back into a single-ended signal.
When switching these differential signals, two channels are
required in the switching element to handle the two differential
signals that make up the video channel. Thus, one differential
video channel is assigned to a pair of crosspoint channels, both
input and output. For a single AD8108/AD8109, four differen-
tial video channels can be assigned to the eight inputs and eight
outputs. This will effectively form a 4
× 4 differential crosspoint
switch.
Programming such a device will require that inputs and outputs
be programmed in pairs. This information can be deduced by
inspection of the programming format of the AD8108/AD8109
and the requirements of the system.
There are other analog video formats requiring more than one
analog circuit per video channel. One two-circuit format that is
commonly being used in systems such as satellite TV, digital
cable boxes and higher quality VCRs, is called S-video or Y/C
video. This format carries the brightness (luminance or Y) por-
tion of the video signal on one channel and the color (chromi-
nance, chroma or C) on a second channel.
Since S-video also uses two separate circuits for one video chan-
nel, creating a crosspoint system requires assigning one video
channel to two crosspoint channels as in the case of a differen-
tial video system. Aside from the nature of the video format,
other aspects of these two systems will be the same.
There are yet other video formats using three channels to carry
the video information. Video cameras produce RGB (red, green,
blue) directly from the image sensors. RGB is also the usual
format used by computers internally for graphics. RGB can also
be converted to Y, R–Y, B–Y format, sometimes called YUV
format. These three-circuit, video standards are referred to as
component analog video.
The component video standards require three crosspoint chan-
nels per video channel to handle the switching function. In a
fashion similar to the two-circuit video formats, the inputs and
outputs are assigned in groups of three and the appropriate logic
programming is performed to route the video signals.
CROSSTALK
Many systems, such as broadcast video, that handle numerous
analog signal channels have strict requirements for keeping the
various signals from influencing any of the others in the system.
Crosstalk is the term used to describe the coupling of the signals
of other nearby channels to a given channel.
When there are many signals in close proximity in a system, as
will undoubtedly be the case in a system that uses the AD8108/
AD8109, the crosstalk issues can be quite complex. A good
understanding of the nature of crosstalk and some definition of
terms is required in order to specify a system that uses one or
more AD8108/AD8109s.
TYPES OF CROSSTALK
Crosstalk can be propagated by means of any of three methods.
These fall into the categories of electric field, magnetic field and
sharing of common impedances. This section will explain these
effects.
Every conductor can be both a radiator of electric fields and a
receiver of electric fields. The electric field crosstalk mechanism
occurs when the electric field created by the transmitter propa-
gates across a stray capacitance (e.g., free space) and couples
with the receiver and induces a voltage. This voltage is an un-
wanted crosstalk signal in any channel that receives it.
Currents flowing in conductors create magnetic fields that circu-
late around the currents. These magnetic fields will then gener-
ate voltages in any other conductors whose paths they link. The
undesired induced voltages in these other channels are crosstalk
signals. The channels that crosstalk can be said to have a mutual
inductance that couples signals from one channel to another.
The power supplies, grounds and other signal return paths of a
multichannel system are generally shared by the various chan-
nels. When a current from one channel flows in one of these
paths, a voltage that is developed across the impedance becomes
an input crosstalk signal for other channels that share the com-
mon impedance.
All these sources of crosstalk are vector quantities, so the
magnitudes cannot simply be added together to obtain the
total crosstalk. In fact, there are conditions where driving addi-
tional circuits in parallel in a given configuration can actually
reduce the crosstalk.
Areas of Crosstalk
For a practical AD8108/AD8109 circuit, it is required that it be
mounted to some sort of circuit board in order to connect it to
power supplies and measurement equipment. Great care has
been taken to create a characterization board (also available as
an evaluation board) that adds minimum crosstalk to the intrin-
sic device. This, however, raises the issue that a system’s crosstalk
is a combination of the intrinsic crosstalk of the devices in addi-
tion to the circuit board to which they are mounted. It is impor-
tant to try to separate these two areas of crosstalk when attempting
to minimize its effect.
In addition, crosstalk can occur among the inputs to a cross-
point and among the outputs. It can also occur from input to
output. Techniques will be discussed for diagnosing which part
of a system is contributing to crosstalk.
Measuring Crosstalk
Crosstalk is measured by applying a signal to one or more chan-
nels and measuring the relative strength of that signal on a de-
sired selected channel. The measurement is usually expressed as
dB down from the magnitude of the test signal. The crosstalk is
expressed by:
|XT| = 20 log10 (Asel(s)/Atest(s))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com