Electronic Components Datasheet Search
  English  ▼

X  

AD8108 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8108
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8108 Datasheet HTML 20Page - Analog Devices AD8108 Datasheet HTML 21Page - Analog Devices AD8108 Datasheet HTML 22Page - Analog Devices AD8108 Datasheet HTML 23Page - Analog Devices AD8108 Datasheet HTML 24Page - Analog Devices AD8108 Datasheet HTML 25Page - Analog Devices AD8108 Datasheet HTML 26Page - Analog Devices AD8108 Datasheet HTML 27Page - Analog Devices AD8108 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8108/AD8109
–25–
REV. 0
RESET
CLK
DATA IN
DGND
CE
UPDATE
MOLEX 0.100" CENTER
CRIMP TERMINAL HOUSING
1
6
D-SUB 25 PIN (MALE)
14 1
25
13
EVALUATION BOARD
PC
2
3
4
5
6
25
3
1
4
5
2
6
SIGNAL
CE
RESET
UPDATE
DATA IN
CLK
DGND
MOLEX
TERMINAL HOUSING
D-SUB-25
Figure 53. Evaluation Board-PC Connection Cable
When you launch the crosspoint control software, you will be
asked to select the printer port you are using. Most modern PCs
have only one printer port, usually called LPT1. However, some
laptop computers use the PRN port.
Figure 54 shows the main screen of the control software in its
initial reset state (all outputs off). Using the mouse, any input
AD8108/AD8109
Figure 54. Evaluation Board Control Panel
can be connected with one or more outputs by simply clicking
on the appropriate radio buttons in the 8
× 8 on-screen array.
Each time a button is clicked on, the software automatically
sends and latches the required 32-bit data stream to the evalua-
tion board. An output can be turned off by clicking the appro-
priate button in the Off column. To turn off all outputs, click on
RESET.
The software offers volatile and nonvolatile storage of configu-
rations. For volatile storage, up to two configurations can be
stored and recalled using the Memory 1 and Memory 2 Buffers.
These function in an identical fashion to the memory on a
pocket calculator. For nonvolatile storage of a configuration, the
Save Setup and Load Setup functions can be used. This stores
the configuration as a data file on disk.
Overshoot on PC Printer Ports’ Data Lines
The data lines on some printer ports have excessive overshoot.
Overshoot on the pin that is used as the serial clock (Pin 6 on
the D-Sub-25 connector) can cause communication problems.
This overshoot can be eliminated by connecting a capacitor
from the CLK line on the evaluation board to ground. A pad
has been provided on the solder-side of the evaluation board to
allow this capacitor to be soldered into place. Depending upon
the overshoot from the printer port, this capacitor may need to
be as large as 0.01
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com