Electronic Components Datasheet Search
  English  ▼

X  

AD8108 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8108
Description  325 MHz, 8 x 8 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8108 Datasheet HTML 16Page - Analog Devices AD8108 Datasheet HTML 17Page - Analog Devices AD8108 Datasheet HTML 18Page - Analog Devices AD8108 Datasheet HTML 19Page - Analog Devices AD8108 Datasheet HTML 20Page - Analog Devices AD8108 Datasheet HTML 21Page - Analog Devices AD8108 Datasheet HTML 22Page - Analog Devices AD8108 Datasheet HTML 23Page - Analog Devices AD8108 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8108/AD8109
–20–
REV. 0
All trademarks are property of their respective holders.
From a circuit standpoint, this output crosstalk mechanism
looks like a transformer, with a mutual inductance between the
windings, that drives a load resistor. For low frequencies, the
magnitude of the crosstalk is given by:
|XT| = 20 log10 (Mxy
× s/R
L)
where Mxy is the mutual inductance of output x to output y and
RL is the load resistance on the measured output. This crosstalk
mechanism can be minimized by keeping the mutual inductance
low and increasing RL. The mutual inductance can be kept low
by increasing the spacing of the conductors and minimizing
their parallel length.
PCB Layout
Extreme care must be exercised to minimize additional crosstalk
generated by the system circuit board(s). The areas that must be
carefully detailed are grounding, shielding, signal routing and
supply bypassing.
The packaging of the AD8108/AD8109 is designed to help keep
the crosstalk to a minimum. Each input is separated from each
other input by an analog ground pin. All of these AGNDs
should be directly connected to the ground plane of the circuit
board. These ground pins provide shielding, low impedance
return paths and physical separation for the inputs. All of these
help to reduce crosstalk.
Each output is separated from its two neighboring outputs by an
analog ground pin in addition to an analog supply pin of one
polarity or the other. Each of these analog supply pins provides
power to the output stages of only the two nearest outputs.
These supply pins and analog grounds provide shielding, physi-
cal separation and a low impedance supply for the outputs.
Individual bypassing of each of these supply pins, with a 0.01
µF
chip capacitor directly to the ground plane, minimizes high
frequency output crosstalk via the mechanism of sharing com-
mon impedances.
Each output also has an on-chip compensation capacitor that
is individually tied the nearby analog ground pins AGND00
through AGND07. This technique reduces crosstalk by prevent-
ing the currents that flow in these paths from sharing a common
impedance on the IC and in the package pins. These AGNDxx
signals should all be directly connected to the ground plane.
The input and output signals will have minimum crosstalk if
they are located between ground planes on layers above and
below, and separated by ground in between. Vias should be
located as close to the IC as possible to carry the inputs and
outputs to the inner layer. The only place the input and output
signals surface is at the input termination resistors and the out-
put series back termination resistors. These signals should also
be separated, to the extent possible, as soon as they emerge from
the IC package.
Evaluation Board
A four-layer evaluation board for the AD8108/AD8109 is avail-
able. The exact same board and external components are used
for each device. The only difference is the device itself, which
offers a selection of a gain of unity or gain of two through the
analog channels. This board has been carefully laid out and
tested to demonstrate the specified high speed performance of
the device. Figure 46 shows the schematic of the evaluation
board. Figure 47 shows the component side silk-screen. The
layouts of the board’s four layers are given in Figures 48, 49, 50
and 51.
The evaluation board package includes the following:
• Fully populated board with BNC-type connectors.
• Windows™ based software for controlling the board from a
PC via the printer port.
• Custom cable to connect evaluation board to PC.
• Disk containing Gerber files of board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com