Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 5 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 5 Page - Analog Devices

  AD811 Datasheet HTML 1Page - Analog Devices AD811 Datasheet HTML 2Page - Analog Devices AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD811
REV. D
–5–
250
50
–60
140
200
100
–40
150
100
120
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 5V
VS = 15V
Figure 7. Short Circuit Current vs. Junction Temperature
10
0.01
10k
100M
1
0.1
100k
10M
1M
FREQUENCY – Hz
GAIN = +2
RFB = 649
VS = 5V
VS = 15V
Figure 8. Closed-Loop Output Resistance vs. Frequency
10
0
1.6k
6
2
600
4
400
8
1.4k
1.2k
1.0k
800
VALUE OF FEEDBACK RESISTOR (RFB) –
60
40
20
0
RISE TIME
OVERSHOOT
VS = 15V
VO = 1V p–p
RL = 150
GAIN = +2
Figure 9. Rise Time and Overshoot vs. Value of
Feedback Resistor, RFB
2.0
0
–60
140
1.5
0.5
–40
1.0
100
120
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 5V
RL = 150
VOUT = 2.5V
VS = 15V
RL = 200
VOUT = 10V
Figure 10. Transresistance vs. Junction Temperature
100
10
1
10
100
FREQUENCY – Hz
100
100k
10k
1k
10
1
NONINVERTING CURRENT VS = 5 TO 15V
INVERTING CURRENT VS = 5 TO 15V
VOLTAGE NOISE VS = 15V
VOLTAGE NOISE VS = 5V
Figure 11. Input Noise vs. Frequency
200
0
1.6k
120
40
600
80
400
160
1.4k
1.2k
1.0k
800
VALUE OF FEEDBACK RESISTOR (RFB) –
8
6
4
2
BANDWIDTH
PEAKING
VO = 1V p–p
VS= 15V
RL= 150
GAIN = +2
10
0
Figure 12. 3 dB Bandwidth and Peaking vs. Value of RFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com