Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 1 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 1 Page - Analog Devices

  AD811 Datasheet HTML 1Page - Analog Devices AD811 Datasheet HTML 2Page - Analog Devices AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
a
High Performance
Video Op Amp
AD811
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CONNECTION DIAGRAMS
FEATURES
High Speed
140 MHz Bandwidth (3 dB, G = +1)
120 MHz Bandwidth (3 dB, G = +2)
35 MHz Bandwidth (0.1 dB, G = +2)
2500 V/ s Slew Rate
25 ns Settling Time to 0.1% (For a 2 V Step)
65 ns Settling Time to 0.01% (For a 10 V Step)
Excellent Video Performance (RL =150
)
0.01% Differential Gain, 0.01 Differential Phase
Voltage Noise of 1.9 nV
√Hz
Low Distortion: THD = –74 dB @ 10 MHz
Excellent DC Precision
3 mV max Input Offset Voltage
Flexible Operation
Specified for
5 V and
15 V Operation
2.3 V Output Swing into a 75
Load (VS =
5 V)
APPLICATIONS
Video Crosspoint Switchers, Multimedia Broadcast
Systems
HDTV Compatible Systems
Video Line Drivers, Distribution Amplifiers
ADC/DAC Buffers
DC Restoration Circuits
Medical—Ultrasound, PET, Gamma and Counter
Applications
The AD811 is also excellent for pulsed applications where tran-
sient response is critical. It can achieve a maximum slew rate of
greater than 2500 V/
µs with a settling time of less than 25 ns to
0.1% on a 2 volt step and 65 ns to 0.01% on a 10 volt step.
The AD811 is ideal as an ADC or DAC buffer in data acquisi-
tion systems due to its low distortion up to 10 MHz and its wide
unity gain bandwidth. Because the AD811 is a current feedback
amplifier, this bandwidth can be maintained over a wide range
of gains. The AD811 also offers low voltage and current noise of
1.9 nV/
√Hz and 20 pA/√Hz, respectively, and excellent dc accu-
racy for wide dynamic range applications.
12
–6
3
–3
0
1M
9
6
10 M
100 M
FREQUENCY – Hz
G = +2
RL = 150
RG = RFB
VS =
5V
VS = 15V
PRODUCT DESCRIPTION
The AD811 is a wideband current-feedback operational ampli-
fier, optimized for broadcast quality video systems. The –3 dB
bandwidth of 120 MHz at a gain of +2 and differential gain and
phase of 0.01% and 0.01
° (R
L = 150 Ω) make the AD811 an
excellent choice for all video systems. The AD811 is designed to
meet a stringent 0.1 dB gain flatness specification to a band-
width of 35 MHz (G = +2) in addition to the low differential
gain and phase errors. This performance is achieved whether
driving one or two back terminated 75
Ω cables, with a low
power supply current of 16.5 mA. Furthermore, the AD811 is
specified over a power supply range of
±4.5 V to ±18 V.
0.10
15
0.03
0.01
6
0.02
5
0.06
0.04
0.05
0.07
0.08
0.09
14
13
12
11
10
9
8
7
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
SUPPLY VOLTAGE –
Volts
RF = 649
FC = 3.58MHz
100 IRE
MODULATED RAMP
RL = 150
GAIN
PHASE
16-Lead SOIC (R-16) Package
20-Lead SOIC (R-20) Package
+IN
NC
+V S
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD811
NC
–IN
NC
+IN
–VS
NC
NC
NC
NC
OUTPUT
NC
NC
NC = NO CONNECT
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
AD811
NC
–IN
NC
NC
–VS
NC
NC
NC
+V S
NC
OUTPUT
NC
NC
NC = NO CONNECT
NC
NC
1
2
20
19
NC
NC
NC
NC
NC
NC
20-Lead LCC (E-20A) Package
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
1
2
3
4
8
7
6
5
AD811
32
1 20 19
18
17
16
15
14
9 10 11 12 13
4
5
6
7
8
AD811
NC
NC
+VS
NC
OUTPUT
NC
NC
NC
–IN
+IN
NC
–IN
+IN
–VS
NC
OUTPUT
NC
+V S
NC = NO CONNECT
NC = NO CONNECT
8-Lead Plastic (N-8)
Cerdip (Q-8)
SOIC (SO-8) Packages


Similar Part No. - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD811 AD-AD811 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD811 AD-AD811 Datasheet
423Kb / 20P
High Performance Video Op Amp
Rev. G
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110 AD-AD8110 Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

Similar Description - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD811 AD-AD811_04 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD811 AD-AD811_15 Datasheet
624Kb / 21P
High Performance Video Op Amp
Rev. F
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
logo
Analog Devices
AD811 AD-AD811_17 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com