Electronic Components Datasheet Search
  English  ▼

X  

AD811 Datasheet(PDF) 8 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD811
REV. D
–8–
VIN
RG
HP8130
PULSE
GENERATOR
–VS
+VS
RFB
0.1 F
0.1 F
VOUT TO
TEKTRONIX
P6201 FET
PROBE
RL
AD811
Figure 25. Inverting Amplifier Connection
10
90
100
0%
1V
1V
10ns
VIN
VOUT
Figure 26. Small Signal Pulse Response, Gain = –1
10
90
100
0%
1V
100mV
10ns
VIN
VOUT
Figure 27. Small Signal Pulse Response, Gain = –10
6
–12
–3
–9
–6
1M
3
0
10M
100M
FREQUENCY – Hz
G = –1
RL = 150
VS = 15V
RFB = 590
V =
5V
R
= 562
S
FB
Figure 28. Closed-Loop Gain vs. Frequency, Gain = –1
26
8
17
11
14
1M
23
20
10M
100M
FREQUENCY – Hz
G = –10
RL = 150
VS = 15V
RFB = 511
VS = 5V
RFB = 442
Figure 29. Closed-Loop Gain vs. Frequency, Gain = –10
10
90
100
0%
10V
1V
20ns
VIN
VOUT
Figure 30. Large Signal Pulse Response, Gain = –10
–Typical Characteristics, Inverting Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com