Electronic Components Datasheet Search
  English  ▼

X  

AD812 Datasheet(PDF) 5 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 5 Page - Analog Devices

  AD812 Datasheet HTML 1Page - Analog Devices AD812 Datasheet HTML 2Page - Analog Devices AD812 Datasheet HTML 3Page - Analog Devices AD812 Datasheet HTML 4Page - Analog Devices AD812 Datasheet HTML 5Page - Analog Devices AD812 Datasheet HTML 6Page - Analog Devices AD812 Datasheet HTML 7Page - Analog Devices AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD812
–5–
REV. B
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD812 is limited by the associated rise in junction temperature.
The maximum safe junction temperature for the plastic encap-
sulated parts is determined by the glass transition temperature
of the plastic, about 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can result
in device failure.
While the AD812 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature (150 degrees) is not exceeded under all conditions. To
ensure proper operation, it is important to observe the derating
curves.
It must also be noted that in high (noninverting) gain configura-
tions (with low values of gain resistor), a high level of input
overdrive can result in a large input error current, which may
result in a significant power dissipation in the input stage. This
power must be included when computing the junction tempera-
ture rise due to total internal power.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
10
20 30
50
60
70
80
40
1.0
0.5
8-LEAD SOIC PACKAGE
8-LEAD MINI-DIP PACKAGE
TJ = +150 C
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air: 8-lead plastic package:
θ
JA = 90°C/Watt;
8-lead SOIC package:
θ
JA = 150°C/Watt.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD812AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD812AR
–40
°C to +85°C
8-Lead Plastic SOIC SO-8
AD812AR-REEL
13" Reel
AD812AR-REEL7
7" Reel
METALIZATION PHOTO
Dimensions shown in inches and (mm).
V+
8
OUT2
7
–IN2
6
2
–IN1
3
+IN1
4
V–
1
OUT1
5 +IN2
4 V–
0.0783
(1.99)
0.0539
(1.37)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD812 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com