Electronic Components Datasheet Search
  English  ▼

X  

AD812 Datasheet(PDF) 15 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices AD812 Datasheet HTML 10Page - Analog Devices AD812 Datasheet HTML 11Page - Analog Devices AD812 Datasheet HTML 12Page - Analog Devices AD812 Datasheet HTML 13Page - Analog Devices AD812 Datasheet HTML 14Page - Analog Devices AD812 Datasheet HTML 15Page - Analog Devices AD812 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD812
–15–
REV. B
1
10
1000
100
FREQUENCY –MHz
–1
–6
1
0
–2
–3
–4
–5
90
0
–90
–180
–270
3V
5V
PHASE
GAIN
G = +2
RL = 150
VS = 15V
5V
VS = 15V
5V
5V
3V
Figure 47. Closed-Loop Gain and Phase vs. Frequency for
the Line Driver
120
20
20
50
30
2
40
0
80
60
70
90
100
110
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
G = +2
RL = 150
RF = 590
RF = 715
RF = 750
PEAKING
1dB
NO PEAKING
Figure 48. –3 dB Bandwidth vs. Supply Voltage,
Gain = +2, RL = 150 Ω
15
0.06
0.02
6
0.04
5
0.08
14
12
11
10
13
9
8
7
SUPPLY VOLTAGE –
Volts
0.06
0.02
0.04
0
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
Figure 49. Differential Gain and Phase vs. Supply Voltage,
Gain = +2, RL = 150 Ω
–0.1
–0.6
1M
100M
10M
–0.2
–0.3
–0.4
–0.5
0
0.1
100k
FREQUENCY – Hz
0.2
0.3
0.4
G = +2
RL = 150
5V
3V
VS = 15V
5V
Figure 50. Fine-Scale Gain Flatness vs. Frequency,
Gain = +2, RL = 150 Ω
1.0
0
–1.0
10
100
–0.2
–0.4
–0.6
–0.8
0.2
0.4
0.6
0.8
1
FREQUENCY – MHz
1000
VS = 3V
RF = 681
G = +2
RL = 150
VS = 15V
RF = 715
Figure 51. Closed-Loop Gain Matching vs. Frequency,
Gain = +2, RL = 150 Ω
0
1M
10M
–0.2
–0.4
0.2
0.4
100k
FREQUENCY – Hz
100M
4
2
6
8
DELAY
DELAY MATCHING
0
3V
5V
5V
15V
VS = 3V TO 15V
Figure 52. Group Delay and Group Delay Matching vs.
Frequency, G = +2, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com