Electronic Components Datasheet Search
  English  ▼

X  

AD812 Datasheet(PDF) 8 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD812 Datasheet HTML 4Page - Analog Devices AD812 Datasheet HTML 5Page - Analog Devices AD812 Datasheet HTML 6Page - Analog Devices AD812 Datasheet HTML 7Page - Analog Devices AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices AD812 Datasheet HTML 10Page - Analog Devices AD812 Datasheet HTML 11Page - Analog Devices AD812 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD812
REV. B
–8–
100
10
1
10
100
100k
10k
1k
FREQUENCY – Hz
100
10
1
INVERTING INPUT
CURRENT NOISE
VOLTAGE NOISE
NONINVERTING INPUT
CURRENT NOISE
Figure 16. Input Current and Voltage Noise vs. Frequency
10k
100k
100M
10M
1M
FREQUENCY – Hz
90
60
50
70
80
20
10
30
40
681
681
VOUT
VIN
681
681
VS = 15V
VS = 3V
Figure 17. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
80
40
0
10k
100k
100M
10M
1M
20
60
50
30
10
70
15V
1.5V
Figure 18. Power Supply Rejection vs. Frequency
10k
100k
100M
10M
1M
FREQUENCY – Hz
100
40
120
60
80
0
–45
–90
–135
–180
PHASE
GAIN
VS = 3V
VS = 15V
VS = 3V
VS = 15V
Figure 19. Open-Loop Transimpedance vs. Frequency
(Relative to 1
Ω)
–30
FREQUENCY – Hz
1k
–130
10k
100k
1M
10M
100M
–70
–50
–110
–90
G = +2
VS = 2V p-p
VS = 15V ; RL = 1k
VS = 5V ; RL = 150
VS = 5V
2ND HARMONIC
3RD HARMONIC
2ND
3RD
VS = 15V
Figure 20. Harmonic Distortion vs. Frequency
SETTLING TIME – ns
10
–10
60
–4
–8
–6
20
2
–2
0
4
6
8
40
30
50
0.1%
GAIN = –1
VS =
15V
1%
0.025%
Figure 21. Output Swing and Error vs. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com