Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 6 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–6–
AD822
REV. A
NOTES
1See standard military drawing for 883B specifications.
2This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range (+V
S – 1 V) to +VS.
Common-mode error voltage is typically less than 5 mV with the common-mode voltage set at 1 volt below the positive supply.
3V
OL–VEE is defined as the difference between the lowest possible output voltage (V OL) and the minus voltage supply rail (VEE).
VCC–VOH is defined as the difference between the highest possible output voltage (V OH) and the positive supply voltage (VCC).
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD822 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
Plastic DIP (N) . . . . . . . . . . . . . . Observe Derating Curves
Cerdip (Q) . . . . . . . . . . . . . . . . . . Observe Derating Curves
SOIC (R) . . . . . . . . . . . . . . . . . . . Observe Derating Curves
Input Voltage . . . . . . . . . . . . . . (+VS + 0.2 V) to –(20 V + VS)
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Storage Temperature Range (N) . . . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (R) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD822A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD822S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +260
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
28-Pin Plastic DIP Package:
θ
JA = 90°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt
8-Pin SOIC Package:
θ
JA = 160°C/Watt
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD822 is
limited by the associated rise in junction temperature. For plastic
packages, the maximum safe junction temperature is 145
°C. For
the cerdip packages, the maximum junction temperature is 175
°C.
If these maximums are exceeded momentarily, proper circuit
operation will be restored as soon as the die temperature is
reduced. Leaving the device in the “overheated” condition for
an extended period can result in device burnout. To ensure
proper operation, it is important to observe the derating curves
shown in Figure 24.
While the AD822 is internally short circuit protected, this may not
be sufficient to guarantee that the maximum junction temperature
is not exceeded under all conditions. With power supplies
±12
volts (or less) at an ambient temperature of +25
°C or less, if the
output node is shorted to a supply rail, then the amplifier will not
be destroyed, even if this condition persists for an extended period.
ORDERING GUIDE
Temperature
Package
Package
Model1
Range
Description
Option
AD822AN
–40
°C to +85°C
8-Pin Plastic
N-8
Mini-DIP
AD822BN
–40
°C to +85°C
8-Pin Plastic
N-8
Mini-DIP
AD822AR
–40
°C to +85°C
8-Pin SOIC
R-8
AD822BR
–40
°C to +85°C
8-Pin SOIC
R-8
AD822AR-3V
–40
°C to +85°C
8-Pin SOIC
R-8
AD822AN-3V
–40
°C to +85°C
8-Pin Plastic
N-8
Mini-DIP
AD822A Chips
–40
°C to +85°CDie
Standard Military
Drawing
2
–55
°C to +125
°C 8-Pin Cerdip Q-8
NOTES
1Spice model is available on ADI Model Disc.
2Contact factory for availability.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
AD822–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com