Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 11 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD822
REV. A
–11–
FREQUENCY – Hz
–70
–140
1M
–110
–130
1k
–120
300
–80
–100
–90
300k
100k
30k
10k
3k
Figure 25. Crosstalk vs. Frequency
–V
S
+V
S
V
IN
R
L
100pF
V
OUT
4
0.01
µF
0.01
µF
1/2
AD822
8
Figure 26. Unity-Gain Follower
10
90
100
0%
10
µs
5V
Figure 27. 20 V p-p, 25 kHz Sine Wave Input; Unity Gain
Follower; RL = 600 Ω, VS = ±15 V
+V
S
2
3
8
1
0.1
µF
1/2
AD822
1
µF
20V p-p
V
IN
1/2
AD822
5k
Ω
5k
Ω
6
5
7
20k
Ω
V
OUT
2.2k
Ω
0.1
µF1µF
–V
S
CROSSTALK = 20 LOG
V
OUT
10V
IN
Figure 28. Crosstalk Test Circuit
10
90
100
0%
5µs
5V
Figure 29. Large Signal Response Unity Gain Follower;
VS =
±15 V, R
L = 10 k
Ω
10
90
100
0%
500ns
10mV
Figure 30. Small Signal Response Unity Gain Follower;
VS = ±15 V, RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com