Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 9 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD822
REV. A
–9–
50
0
10
100
10M
1M
100k
10k
1k
60
70
80
90
10
20
30
40
FREQUENCY – Hz
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V, 3V
Figure 16. Common-Mode Rejection vs. Frequency
–55
°C
COMMON-MODE VOLTAGE FROM SUPPLY RAILS – Volts
5
0
3
3
1
2
–1
4
2
1
0
NEGATIVE
RAIL
POSITIVE
RAIL
–55
°C
+125
°C
+25
°C
+125
°C
Figure 17. Absolute Common-Mode Error vs. Common-
Mode Voltage from Supply Rails (VS – VCM)
1000
100
0
0.001
0.01
100
10
1
0.1
10
LOAD CURRENT – mA
V
S
– V
OH
V
OL
– V
S
Figure 18. Output Saturation Voltage vs. Load Current
100
40
–20
10
100
10M
1M
100k
10k
1k
60
80
0
20
FREQUENCY – Hz
R
L
= 2k
Ω
C
L
= 100pF
100
40
–20
60
80
0
20
GAIN
PHASE
Figure 13. Open-Loop Gain and Phase Margin vs.
Frequency
1k
100
0.01
100
1k
10M
1M
100k
10k
10
1
0.1
FREQUENCY – Hz
A
CL
= +1
V
S
=
±15V
Figure 14. Output Impedance vs. Frequency
+16
–16
5.0
–8
–12
1.0
0.0
0
–4
+4
+8
+12
4.0
3.0
2.0
SETTLING TIME –
µs
1%
1%
0.01%
0.1%
ERROR
Figure 15. Output Swing and Error vs. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com