Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 7 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD826 Datasheet HTML 3Page - Analog Devices AD826 Datasheet HTML 4Page - Analog Devices AD826 Datasheet HTML 5Page - Analog Devices AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices AD826 Datasheet HTML 10Page - Analog Devices AD826 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
REV. B
AD826
–7–
FREQUENCY – Hz
5
0
–5
100k
1M
100M
10M
–1
–2
–3
–4
1
2
3
4
VS
15V
5V
5V
0.1dB
FLATNESS
55MHz
20MHz
20MHz
VOUT
VIN
781
150
VS = 15V
VS = 5V
VS = 5V
Figure 19. Closed-Loop Gain vs. Frequency
SUPPLY VOLTAGE – Volts
0.13
0.07
0.10
0.10
15
0.13
0.11
0.12
5
10
DIFF GAIN
DIFF PHASE
Figure 20. Differential Gain and Phase vs. Supply Voltage
–30
–70
–110
100k
100M
10M
1M
10k
–90
–50
–60
–80
–100
–40
FREQUENCY – Hz
15V
RL = 1k
5V
RL = 150
Figure 21. Crosstalk vs. Frequency
FREQUENCY – HZ
5
0
–5
100k
1M
100M
10M
–1
–2
–3
–4
1
2
3
4
0.1dB
VS
CC
FLATNESS
15V
3pF
16MHz
5V
4pF
14MHz
5V
6pF
12MHz
1k
1k
V
IN
CC
VOUT
VS = 15V
VS = 5V
VS = 5V
Figure 22. Closed-Loop Gain vs. Frequency, Gain = –1
FREQUENCY – Hz
1.0
0
–1.0
100k
1M
100M
10M
–0.2
–0.4
–0.6
–0.8
0.2
0.4
0.6
0.8
VS = 15V
VS = 5V
VS = +5V
Figure 23. Gain Flatness Matching vs. Supply, G = +1
1/2
AD826
3
2
1
USE GROUND PLANE
PINOUT SHOWN IS FOR MINIDIP PACKAGE
VIN
VS
8
RL = 150
FOR
VS = 5V, 1k
FOR
VS = 15V
RL
1 F
0.1 F
1/2
AD826
5
6
7
4
RL
–VS
1 F
0.1 F
VOUT
Figure 24. Crosstalk Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com