Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 12 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices AD826 Datasheet HTML 10Page - Analog Devices AD826 Datasheet HTML 11Page - Analog Devices AD826 Datasheet HTML 12Page - Analog Devices AD826 Datasheet HTML 13Page - Analog Devices AD826 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
REV. B
AD826
–12–
SINGLE-ENDED TO DIFFERENTIAL LINE DRIVER
Outstanding CMRR (> 80 dB @ 5 MHz), high bandwidth, wide
supply voltage range, and the ability to drive heavy loads, make
the AD826 an ideal choice for many line driving applications.
In this application, the AD830 high speed video difference
amp serves as the differential line receiver on the end of a back
terminated, 50 ft., twisted-pair transmission line (see Figure 40).
The overall system is configured in a gain of +1 and has a –3 dB
bandwidth of 14 MHz. Figure 39 is the pulse response with a
2 V p-p, 1 MHz signal input.
10
90
100
0%
2V
200ns
2V
Figure 39. Pulse Response
15V
1/2
AD826
0.01 F
2.2 F
1/2
AD826
36
1.05k
5pF
BNC
IN
–15V
AD830
VOUT
50 FEET TWISTED PAIR
Z = 72
36
0.1 F
1.05k
5pF
1.05k
1.05k
0.1 F
0.01 F
2.2 F
36
36
15V
0.01 F
0.1 F
–15V
0.1 F
0.01 F
Figure 40. Differential Line Driver
LOW DISTORTION LINE DRIVER
The AD826 can quickly be turned into a powerful, low distor-
tion line driver (see Figure 41). In this arrangement the AD826
can comfortably drive a 75
Ω back-terminated cable, with a
5 MHz, 2 V p-p input; all of this while achieving the harmonic
distortion performance outlined in the following table.
Configuration
2nd Harmonic
1. No Load
–78.5 dBm
2. 150
Ω RL Only
–63.8 dBm
3. 150
Ω R
L 7.5
Ω R
C
–70.4 dBm
In this application one half of the AD826 operates at a gain of
2.1 and supplies the current to the load, while the other pro-
vides the overall system gain of 2. This is important for two
reasons: the first is to keep the bandwidth of both amplifiers the
same, and the second is to preserve the AD826’s ability to oper-
ate from low supply voltages. RC varies with the load and must
be chosen to satisfy the following equation:
RC = MRL
where M is defined by [(M+ 1) GS = GD] and GD = Driver’s Gain,
GS = System Gain.
1.1k
1k
1k
RL
1/2
AD826
1/2
AD826
RC
7.5
1k
75
75
75
VS
1 F
0.1 F
0.1 F
1 F
Figure 41. Low Distortion Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com