Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 4 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 4 Page - Analog Devices

  AD826 Datasheet HTML 1Page - Analog Devices AD826 Datasheet HTML 2Page - Analog Devices AD826 Datasheet HTML 3Page - Analog Devices AD826 Datasheet HTML 4Page - Analog Devices AD826 Datasheet HTML 5Page - Analog Devices AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV. B
AD826
–4–
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
–VCM
+VCM
Figure 1. Common-Mode Voltage Range vs. Supply
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
RL = 150V
RL = 500V
Figure 2. Output Voltage Swing vs. Supply
30
0
10k
15
5
100
10
10
20
1k
25
LOAD RESISTANCE –
VS = 15V
VS = 5V
Figure 3. Output Voltage Swing vs. Load Resistance
–40 C
7.7
5.7
020
7.2
6.2
5
6.7
10
15
SUPPLY VOLTAGE –
Volts
+25 C
+85 C
Figure 4. Quiescent Supply Current per Amp vs. Supply
Voltage for Various Temperatures
20
5
015
10
SUPPLY VOLTAGE –
Volts
200
300
350
400
250
Figure 5. Slew Rate vs. Supply Voltage
100
1
0.01
1k
10k
100M
10M
1M
100k
0.1
10
FREQUENCY – Hz
Figure 6. Closed-Loop Output Impedance vs. Frequency
– Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com