Electronic Components Datasheet Search
  English  ▼

X  

AD8327 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8327
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8327 Datasheet(HTML) 5 Page - Analog Devices

  AD8327 Datasheet HTML 1Page - Analog Devices AD8327 Datasheet HTML 2Page - Analog Devices AD8327 Datasheet HTML 3Page - Analog Devices AD8327 Datasheet HTML 4Page - Analog Devices AD8327 Datasheet HTML 5Page - Analog Devices AD8327 Datasheet HTML 6Page - Analog Devices AD8327 Datasheet HTML 7Page - Analog Devices AD8327 Datasheet HTML 8Page - Analog Devices AD8327 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
VIN+
VIN–
GND
0.1 F
165
VIN
75
0.1 F
AD8327
0.1 F
0.1 F
100pF
VCC
10 F
0.1 F
BYP CXR
+VS
TPC 1. Basic Test Circuit
GAIN CONTROL – Decimal Code
0.1
0
–0.3
–0.2
–0.1
0.2
0.3
0.4
0.5
0.6
0
16
48
80
96
112
128
32
64
f = 65MHz
f = 42MHz
f = 5MHz
f = 10MHz
TPC 2. Gain Error vs. Gain Control
FREQUENCY – MHz
160
115
1
100
10
VIN+
VIN–
0.1 F
165
VIN
0.1 F
75
0.1 F
OUT
GND
+VS
AD8327
TXEN = 0
TXEN = 1
155
150
145
140
135
130
125
120
TPC 3. Input Impedance vs. Frequency
Typical Performance Characteristics–AD8327
–5–
FREQUENCY – MHz
0
–10
–90
1
1000
10
100
–20
–30
–70
–40
–50
–60
–80
TXEN = 0
VIN = 30dBmV
MAX GAIN
MIN GAIN
TPC 4. Isolation in Transmit Disable Mode
vs. Frequency
FREQUENCY – MHz
100
10
1000
1
10
–20
–30
0
–10
20
30
40
128D
64D
32D
01D
16D
08D
04D
02D
00D
TPC 5. AC Response
FREQUENCY – MHz
90
85
80
75
70
65
60
55
1
100
10
TXEN = 0
TXEN = 1
TPC 6. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com