Electronic Components Datasheet Search
  English  ▼

X  

AD8327 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8327
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8327 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8327 Datasheet HTML 12Page - Analog Devices AD8327 Datasheet HTML 13Page - Analog Devices AD8327 Datasheet HTML 14Page - Analog Devices AD8327 Datasheet HTML 15Page - Analog Devices AD8327 Datasheet HTML 16Page - Analog Devices AD8327 Datasheet HTML 17Page - Analog Devices AD8327 Datasheet HTML 18Page - Analog Devices AD8327 Datasheet HTML 19Page - Analog Devices AD8327 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
AD8327
–19–
EVALUATION BOARD BILL OF MATERIALS
AD8327 Evaluation Board Rev. B, Single-Ended-to-Differential Input—Revised–February 21, 2001
Qty.
Description
Ref Description
1
10
µF 25 V. ‘D’ size tantalum chip capacitor
C12
1
100 pF 0603 ceramic chip capacitor
C3
2
0.1
µF 50 V. 1206 size ceramic chip capacitor
C15, C16
7
0.1
µF 25 V. 0603 size ceramic chip capacitor
C1, C2, C7–C11
11
0
Ω 5% 1/8 W. 1206 size chip resistor
R1–R3, R7, R9, R14, R15, R20
1
78.7
Ω 1% 1/8 W. 1206 size chip resistor
R13
2
Yellow Test Point
TP23, TP24
1
Red Test Point
TP9
1
Black Test Point
TP10–TP12 (GND)
1
Centronics-type 36-pin Right-Angle Connector
P1
1
Terminal Block 2-Pos Green ED1973-ND
TB1
4
SMA End launch Jack (E F JOHNSON # 142-0701-801)
VIN–, VIN+, CABLE_0, HPF
1
1:1 Transformer TOKO # 617DB – A0070
T3
1
PULSE Diplexer
*
Z2
1
AD8327 (TSSOP) UPSTREAM Cable Driver
Z1
1
AD8327 REV. C Evaluation PC board
Evaluation PC board
4#4–40
× 1/4 inch STAINLESS panhead machine screw
4#4–40
× 3/4 inch long aluminum round stand-off
2# 2–56
× 3/8 inch STAINLESS panhead machine screw
(P1 Hardware)
2
# 2 steel flat washer
(P1 Hardware)
2
# 2 steel internal tooth lockwasher
(P1 Hardware)
2
# 2 STAINLESS STEEL hex. machine nut
(P1 Hardware)
NOTES
*PULSE Diplexer part numbers B5008 (42 MHz), CX6002 (42 MHz), B5009 (65 MHz).
DO NOT INSTALL C4, C5, C6, R6, R7, R8, R10–R12, R16, R17, R21, T9, TP1–TP8, TP14–TP16, TP20–TP22.
SMA’s TXEN, CLK, SLEEP, DATEN, SDATA, HPF_0, Z2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com