Electronic Components Datasheet Search
  English  ▼

X  

AD8327 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8327
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8327 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8327 Datasheet HTML 3Page - Analog Devices AD8327 Datasheet HTML 4Page - Analog Devices AD8327 Datasheet HTML 5Page - Analog Devices AD8327 Datasheet HTML 6Page - Analog Devices AD8327 Datasheet HTML 7Page - Analog Devices AD8327 Datasheet HTML 8Page - Analog Devices AD8327 Datasheet HTML 9Page - Analog Devices AD8327 Datasheet HTML 10Page - Analog Devices AD8327 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD8327
–7–
–40
–50
–60
–70
–100
–80
–90
–110
CENTER 21MHz
75kHz/DIV
SPAN 750kHz
C11
C0
C0
Cu1
C11
CH PWR
9.0dBm
ACP UP
–62dBc
ACP LOW
–62.5dBc
Cu1
–30
–20
–10
TPC 13. Adjacent Channel Power
GAIN CONTROL – Decimal Code
–30
–34
–42
–50
–38
–46
0
128
16
32
48
64
80
96
112
f = 10MHz
TXEN = 1
TPC 14. Output Referred Noise vs. Gain Control
FREQUENCY – MHz
35
30
10
1
1000
10
100
25
15
20
VIN+
VIN–
GND
0.1 F
165
VIN
75
0.1 F
AD8327
0.1 F
0.1 F
100pF
VCC
10 F
BYP CXR
0.1 F
CL
+VS
CL = 20pF
CL = 10pF
CL = 0pF
VOUT = 60dBmV
@ MAX GAIN
CL = 50pF
TPC 15. AC Response for Various Capacitor Loads
FREQUENCY – MHz
60
40
–20
–40
10
41.0
43.0
41.2
41.4
41.8
42.0
42.2
42.4
42.6
42.8
41.6
VOUT = 60dBmV
@ MAX GAIN
50
30
20
0
–10
–30
TPC 16. Two-Tone Intermodulation Distortion
FREQUENCY – MHz
–25
–75
–30
–45
–55
–60
–70
–40
565
15
25
35
45
55
@ MAX GAIN,TXEN = 1
–35
–50
–65
@ MIN GAIN, TXEN = 1
ALL GAIN CODES, TXEN = 0
TPC 17. Output Referred Noise vs. Frequency for Various
Gain Codes
GAIN CONTROL – Decimal Code
120
50
110
90
80
70
60
100
0
128
16
32
48
64
80
96
112
TXEN = 1
TPC 18. Supply Current vs. Gain Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com