Electronic Components Datasheet Search
  English  ▼

X  

AD8343 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8343 Datasheet(HTML) 5 Page - Analog Devices

  AD8343 Datasheet HTML 1Page - Analog Devices AD8343 Datasheet HTML 2Page - Analog Devices AD8343 Datasheet HTML 3Page - Analog Devices AD8343 Datasheet HTML 4Page - Analog Devices AD8343 Datasheet HTML 5Page - Analog Devices AD8343 Datasheet HTML 6Page - Analog Devices AD8343 Datasheet HTML 7Page - Analog Devices AD8343 Datasheet HTML 8Page - Analog Devices AD8343 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
REV. 0
CONVERSION GAIN – dB
60
0
5.37
50
40
30
20
10
MEAN: 5.57dB
5.42
5.47
5.52
5.57
5.62
5.67
5.72
TPC 1. Gain Histogram fIN = 400 MHz, fOUT = 70 MHz
INPUT IP3 – dBm
0
19.9
25
20
15
10
5
MEAN: 20.5dBm
20.0 20.1 20.2 20.3 20.4 20.5 20.6 20.7 20.8 20.9 21.0
TPC 2. Input IP3 Histogram fIN = 400 MHz, fOUT = 70 MHz
INPUT 1dB COMPRESSION POINT – dBm
45
0
3.24
40
35
30
25
20
15
10
5
MEAN: 3.31dBm
60
55
50
3.26
3.28
3.30
3.32
3.34
3.36
3.38
TPC 3. Input 1 dB Compression Point Histogram
fIN = 400 MHz, fOUT = 70 MHz
TEMPERATURE – C
10
4
–40
9
8
7
6
5
0
204060
80
–20
TPC 4. Gain Performance Over Temperature
fIN = 400 MHz, fOUT = 70 MHz
TEMPERATURE – C
24
–40
22
21
20
19
18
0
2040
6080
–20
17
16
15
23
TPC 5. Input IP3 Performance Over Temperature
fIN = 400 MHz, fOUT = 70 MHz
TEMPERATURE – C
5.0
2.0
–40
4.5
4.0
3.5
3.0
2.5
0
2040
6080
–20
TPC 6. Input 1 dB Compression Point Performance Over
Temperature (fIN = 400 MHz, fOUT = 70 MHz )
Typical Performance Characteristics–AD8343
–5–
RECEIVER CHARACTERISTICS (fIN = 400 MHz, fOUT = 70 MHz, fLO = 330 MHz [Figure 24, Tables III and IV])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com