Electronic Components Datasheet Search
  English  ▼

X  

AD8343 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8343 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8343 Datasheet HTML 18Page - Analog Devices AD8343 Datasheet HTML 19Page - Analog Devices AD8343 Datasheet HTML 20Page - Analog Devices AD8343 Datasheet HTML 21Page - Analog Devices AD8343 Datasheet HTML 22Page - Analog Devices AD8343 Datasheet HTML 23Page - Analog Devices AD8343 Datasheet HTML 24Page - Analog Devices AD8343 Datasheet HTML 25Page - Analog Devices AD8343 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
REV. 0
AD8343
–22–
EVALUATION BOARD
The AD8343 Evaluation Board has two independent areas, denoted A and B. The circuit schematics are shown in Figures 23 and
24. An assembly drawing is included in Figure 25 to ease identification of components, and representations of the board layout are
included in Figures 26 through 29.
The A region is configured for ease in making device impedance measurements as part of the process of developing suitable
matching networks for a final application. The B region is designed for operating the AD8343 in a single-ended application environment
and therefore includes pads for attaching baluns or transformers at both the input and output.
The following Tables (III through V) delineate the components used for the characterization procedure used to generate TPC 1
through 42 and most other data contained in this data sheet. Table III lists the support components that are delivered with the
AD8343 evaluation board. Note that the board is shipped without any frequency specific components installed. Table IV lists
the components used to obtain the frequency selection necessary for the product receiver evaluation, and Table V lists the transmitter
evaluation components.
Table III. Values of Support Components Shipped with Evaluation Board and Used for Device Characterization
Component Designator
Value
Qty.
Part Number
C1A, C1B, C3A, C3B, C11A, C11B
0.1
µF
6
Murata GRM40Z5U104M50V
C2A, C2B, C4A, C4B, C5A, C5B, C6A, C6B, C9A,
0.01
µF
16
Murata GRM40X7R103K50V
C9B, C10A, C10B, C12A, C12B, C13A, C13B
R3A, R3B, R4A, R4B
68.1
Ω ± 1%
4
Panasonic ERJ6ENF68R1V (T and R Packaging)
R1A, R1B, R2A, R2B
3.9
Ω ± 5%
4
Panasonic ERJ6GEYJ3R9V (T and R Packaging)
R5A, R5B
0
Ω
2
Panasonic ERJ6GEYJR00V (T and R Packaging)
J1A, J1B
Ferrite Bead
2
Murata BLM21P300S (2.0 mm SMT)
T1A, T1B, T2B (Various)
1:1
3
M/A-Com ETC1-1-13 Wideband Balun
*
T3B (Various)
4:1
1
Mini-Circuits TC4-1W Transformer
R6A, R6B, R7A, R7B
10
Ω ± 1%
4
Panasonic ERJ6GEYJ100V (T and R Packaging)
L1A, L1B, L2A, L2B
56 nH
4
Panasonic ELJ-RE56NJF3
Table IV. Values of Matching Components Used for Receiver Characterization
Component Designator
Value
Qty.
Part Number
fIN = 400 MHz, fOUT = 70 MHz
T1B, T2B
1:1
2
M/A-Com ETC1-1-13 Wideband Balun
1
T3B
4:1
1
Mini-Circuits TC4-1W Transformer
R6B, R7B
10
Ω
2
Panasonic ERJ6GEYJ100V (T and R Packaging)
Z1B, Z3B
jumper
2
#30 AWG Wire Across Pads
Z2B
8.2 pF
1
Murata MA188R2J
Z5B, Z7B
150 nH
2
Murata LQW1608AR15G00
Z6B
3.4 pF
1
Murata MA182R4B || MA181R0B
L1B, L2B
56 nH
2
Panasonic ELJ-RE56NJF3
Z4B, Z8B, L3B, L4B, R9B — Not Populated
fIN = 900 MHz, fOUT = 170 MHz
T1B, T2B
1:1
2
M/A-Com ETC1-1-13 Wideband Balun
1
T3B
4:1
1
Mini-Circuits TC4-1W Transformer
R6B, R7B
10
Ω
2
Panasonic ERJ6GEYJ100V (T and R packaging)
Z1B, Z3B
jumper
2
#30 AWG Wire Across Pads
Z4B
3.0 pF
1
Murata GRM39C0G3R0B50V
Z5B, Z7B
120 nH
2
Murata LQW1608AR12G00
Z6B
0.4 pF
1
Murata MA180R4B
L1B, L2B
56 nH
2
Panasonic ELJ-RE56NJF3
Z2B, Z8B, L3B, L4B, R9B — Not Populated
fIN = 1900 MHz, fOUT = 425 MHz
T1B, T2B
1:1
3
M/A-Com ETC1-1-13 Wideband Balun
1
T3B
4:1
1
Mini-Circuits TC4-1W Transformer
R6B, R7B
10
Ω
2
Panasonic ERJ6GEYJ100V (T and R packaging)
Z1B, Z3B
6.8 nH
2
Murata LQW1608A6N8C00
Z2B
0.6 pF
1
Murata MA180R6B
Z5B, Z7B
39 nH
2
Murata LQW1608A39NG00
Z8B
2.0 pF
1
Murata MA182R0B
L1B, L2B
56 nH
2
Panasonic ELJ-RE56NJF3
Z6B, Z4B, L3B, L4B, R9B — Not Populated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com