Electronic Components Datasheet Search
  English  ▼

X  

AD835 Datasheet(PDF) 2 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 2 Page - Analog Devices

  AD835 Datasheet HTML 1Page - Analog Devices AD835 Datasheet HTML 2Page - Analog Devices AD835 Datasheet HTML 3Page - Analog Devices AD835 Datasheet HTML 4Page - Analog Devices AD835 Datasheet HTML 5Page - Analog Devices AD835 Datasheet HTML 6Page - Analog Devices AD835 Datasheet HTML 7Page - Analog Devices AD835 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD835–SPECIFICATIONS
Model
AD835AN/AR
TRANSFER FUNCTION
W
=
( X 1– X 2)(Y 1– Y 2)
U
+ Z
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS (X, Y)
Differential Voltage Range
V
CM = 0
±1V
Differential Clipping Level
1.2
±1.4
V
Low Frequency Nonlinearity
X =
±1 V, Y = 1 V
0.3
0.5
% FS
Y =
±1 V, X = 1 V
0.1
0.3
% FS
vs. Temperature
T
MIN to TMAX
1
X =
±1 V, Y = 1 V
0.7
% FS
Y =
±1 V, X = 1 V
0.5
% FS
Common-Mode Voltage Range
–2.5
+3
V
Offset Voltage
±3
20
mV
vs. Temperature
T
MIN to TMAX
1
±25
mV
CMRR
f
≤ 100 kHz; ±1 V p-p
70
dB
Bias Current
10
20
µA
vs. Temperature
T
MIN to TMAX
1
27
µA
Offset Bias Current
2
µA
Differential Resistance
100
k
Ω
Single-Sided Capacitance
2pF
Feedthrough, X
X =
±1 V, Y = 0 V
–46
dB
Feedthrough, Y
Y =
±1 V, X = 0 V
–60
dB
DYNAMIC CHARACTERISTICS
–3 dB Small-Signal Bandwidth
150
250
MHz
–0.1 dB Gain Flatness Frequency
15
MHz
Slew Rate
W = –2.5 V to +2.5 V
1000
V/
µs
Differential Gain Error, X
f = 3.58 MHz
0.3
%
Differential Phase Error, X
f = 3.58 MHz
0.2
Degrees
Differential Gain Error, Y
f = 3.58 MHz
0.1
%
Differential Phase Error, Y
f = 3.58 MHz
0.1
Degrees
Harmonic Distortion
X or Y = 10 dBm, 2nd and 3rd Harmonic
Fund = 10 MHz
–70
dB
Fund = 50 MHz
–40
dB
Settling Time, X or Y
To 0.1%, W = 2 V p-p
20
ns
SUMMING INPUT (Z)
Gain
From Z to W, f
≤ 10 MHz
0.990
0.995
–3 dB Small-Signal Bandwidth
250
MHz
Differential Input Resistance
60
k
Ω
Single Sided Capacitance
2pF
Maximum Gain
X, Y to W, Z Shorted to W, f = 1 kHz
50
dB
Bias Current
50
µA
OUTPUT CHARACTERISTICS
Voltage Swing
±2.2
±2.5
V
vs. Temperature
T
MIN to TMAX
1
±2.0
V
Voltage Noise Spectral Density
X = Y = 0, f < 10 MHz
50
nV/
√Hz
Offset Voltage
±25
75
mV
vs. Temperature
2
T
MIN to TMAX
1
±10
mV
Short Circuit Current
75
mA
Scale Factor Error
±5
8
% FS
vs. Temperature
T
MIN to TMAX
1
±9
% FS
Linearity (Relative Error)
3
±0.5
1.0
% FS
vs. Temperature
T
MIN to TMAX
1
±1.25
% FS
POWER SUPPLIES
Supply Voltage
For Specified Performance
±4.5
±5
±5.5
V
Quiescent Supply Current
16
25
mA
vs. Temperature
T
MIN to TMAX
1
26
mA
PSRR at Output vs. Vp
+4.5 V to +5.5 V
0.5
%/V
PSRR at Output vs. Vn
–4.5 V to –5.5 V
0.5
%/V
NOTES
1T
MIN = –40°C, TMAX = +85°C.
2Normalized to zero at +25
°C.
3Linearity is defined as residual error after compensating for input offset, output voltage offset and scale factor errors.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
REV. A
–2–
(T
A = +25 C, VS =
5 V, R
L = 150
, C
L ≤ 5 pF unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com