Electronic Components Datasheet Search
  English  ▼

X  

AD835 Datasheet(PDF) 3 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 3 Page - Analog Devices

  AD835 Datasheet HTML 1Page - Analog Devices AD835 Datasheet HTML 2Page - Analog Devices AD835 Datasheet HTML 3Page - Analog Devices AD835 Datasheet HTML 4Page - Analog Devices AD835 Datasheet HTML 5Page - Analog Devices AD835 Datasheet HTML 6Page - Analog Devices AD835 Datasheet HTML 7Page - Analog Devices AD835 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD835
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 300 mW
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 sec . . . . . . . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability.
2Thermal Characteristics:
8-Pin Plastic DIP (N):
θ
JC = 35°C/W; θJA = 90°C/W
8-Pin Plastic SOIC (R):
θ
JC = 45°C/W; θJA = 115°C/W.
PIN CONNECTIONS
8-Pin Plastic DIP (N)
8-Pin Plastic SOIC (R)
Y1
Y2
VN
Z
X1
X2
VP
W
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD835
ORDERING GUIDE
Model
Temperature Range
Package Options*
AD835AN
–40
°C to +85°C
N-8
AD835AR
–40
°C to +85°C
R-8
*N = Plastic DIP; R = Small Outline IC Plastic Package (SOIC).
Figure 1. Typical Composite Output Differential Gain &
Phase, NTSC for X Channel; f = 3.58 MHz, R
L = 150 Ω
Figure 3. Gain & Phase vs. Frequency of X, Y, Z Inputs
FREQUENCY – Hz
1G
–0.2
–0.3
–0.4
–0.5
–0.6
–0.1
0
X, Y CH = OdBm
RL = 150Ω
CL ≤ 5pF
1M
10M
100M
300k
Figure 4. Gain Flatness to 0.1 dB
0.20
–0.20
–0.10
0.10
0.00
0.03
0.00
0.16
0.10
0.07
0.04
0.01
0.00
–0.20
–0.01
0.00
–0.00
2ND
1ST
6TH
5TH
4TH
3RD
2ND
1ST
6TH
5TH
4TH
3RD
–0.3
0.0
–0.2
–0.1
0.2
0.3
0.1
MIN = –0.02
MAX = 0.01
p-p/MAX = 0.03
MIN = 0.00
MAX = 0.16
p-p = 0.16
DG DP (NTSC)
FIELD = 1 LINE = 18
Wfm
FCC
COMPOSITE
1M
10M
1G
100M
–2
–4
–6
–8
–10
0
2
FREQUENCY – Hz
0
–90
–180
90
180
PHASE
X, Y, Z CH = 0dBm
RL = 150Ω
CL ≤ 5pF
GAIN
Figure 2. Typical Composite Output Differential Gain &
Phase, NTSC for Y Channel; f = 3.58 MHz, R
L = 150 Ω
0.4
–0.4
–0.2
0.2
0.0
0.02
0.00
0.06
0.03
0.03
0.02
0.06
0.00
0.20
0.19
0.16
0.11
2ND
1ST
6TH
5TH
4TH
3RD
2ND
1ST
6TH
5TH
4TH
3RD
–0.3
0.0
–0.2
–0.1
0.2
0.3
0.1
MIN = 0.00
MAX = 0.20
p-p/MAX = 0.20
MIN = 0.00
MAX = 0.06
p-p = 0.06
DG DP (NTSC)
FIELD = 1 LINE = 18
Wfm
FCC
COMPOSITE
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com