Electronic Components Datasheet Search
  English  ▼

X  

AD835 Datasheet(PDF) 4 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 4 Page - Analog Devices

  AD835 Datasheet HTML 1Page - Analog Devices AD835 Datasheet HTML 2Page - Analog Devices AD835 Datasheet HTML 3Page - Analog Devices AD835 Datasheet HTML 4Page - Analog Devices AD835 Datasheet HTML 5Page - Analog Devices AD835 Datasheet HTML 6Page - Analog Devices AD835 Datasheet HTML 7Page - Analog Devices AD835 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD835
REV. A
–4–
Figure 7. Large Signal Pulse Response at W Output, R
L =
150
Ω, C
L ≤ 5 pF, X Channel = ±1.0 V, Y Channel = ±1.0 V
–30
–40
–50
–60
–20
–10
FREQUENCY – Hz
1M
10M
1G
100M
X FEEDTHROUGH
Y FEEDTHROUGH
X FEEDTHROUGH
Y FEEDTHROUGH
X, Y CH = 5dBm
RL = 150Ω
CL < 5pF
Figure 6. Small Signal Pulse Response at W Output, R
L =
150
Ω, C
L ≤ 5 pF, X Channel = ±0.2 V, Y Channel = ±1.0 V
500mV
1V
GND
–1V
10ns
Figure 9. PSRR vs. Frequency for V+ and V– Supply
Figure 10. Harmonic Distortion at 10 MHz; 10 dBm Input
to X or Y Channels, R
L = 150 Ω, CL = ≤ 5 pF
–40
–50
–60
–20
–10
–30
FREQUENCY – Hz
1M
10M
1G
100M
300k
PSRR ON V+
PSRR ON V–
0dBm ON SUPPLY
X, Y = 1V
60
80
0
40
20
FREQUENCY – Hz
1M
10M
1G
100M
Figure 8. CMRR vs. Frequency for X or Y Channel,
R
L = 150 Ω, CL ≤ 5 pF
Figure 5. X and Y Feedthrough vs. Frequency
100mV
0.200V
GND
–0.200V
10ns
10MHz
20MHz
30MHz
10dB/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com