Electronic Components Datasheet Search
  English  ▼

X  

AD8350 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8350
Description  Low Distortion 1.0 GHz Differential Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350 Datasheet(HTML) 1 Page - Analog Devices

  AD8350 Datasheet HTML 1Page - Analog Devices AD8350 Datasheet HTML 2Page - Analog Devices AD8350 Datasheet HTML 3Page - Analog Devices AD8350 Datasheet HTML 4Page - Analog Devices AD8350 Datasheet HTML 5Page - Analog Devices AD8350 Datasheet HTML 6Page - Analog Devices AD8350 Datasheet HTML 7Page - Analog Devices AD8350 Datasheet HTML 8Page - Analog Devices AD8350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8350
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Low Distortion
1.0 GHz Differential Amplifier
FUNCTIONAL BLOCK DIAGRAMS
FEATURES
High Dynamic Range
Output IP3: +22 dBm: Re 50
@ 250 MHz
Low Noise Figure: 5.9 dB @ 250 MHz
Two Gain Versions:
AD8350-15
15 dB
AD8350-20
20 dB
–3 dB Bandwidth: 1.0 GHz
Single Supply Operation: +5 V to +10 V
Supply Current: 28 mA
Input/Output Impedance: 200
Single-Ended or Differential Input Drive
8-Lead SOIC Package
APPLICATIONS
Cellular Base Stations
Communications Receivers
RF/IF Gain Block
Differential A-to-D Driver
SAW Filter Interface
Single-Ended to Differential Conversion
High Performance Video
High Speed Data Transmission
PRODUCT DESCRIPTION
The AD8350 series are high performance fully-differential
amplifiers useful in RF and IF circuits up to 1000 MHz. The
amplifier has excellent noise figure of 5.9 dB at 250 MHz. It
offers a high output third order intercept (OIP3) of +22 dBm
at 250 MHz. Gain versions of 15 dB and 20 dB are offered.
The AD8350 is designed to meet the demanding performance
requirements of communications transceiver applications. It
enables a high dynamic range differential signal chain, with
exceptional linearity and increased common-mode rejection.
The device can be used as a general purpose gain block, an
A-to-D driver, and high speed data interface driver, among
other functions. The AD8350 input can also be used as a single-
ended-to-differential converter.
The amplifier can be operated down to +5 V with an OIP3 of
+22 dBm at 250 MHz and slightly reduced distortion perfor-
mance. The wide bandwidth, high dynamic range and tempera-
ture stability make this product ideal for the various RF and IF
frequencies required in cellular, CATV, broadband, instrumen-
tation and other applications.
The AD8350 is offered in an 8-lead single SOIC package. It
operates from +5 V and +10 V power supplies, drawing 28 mA
typical. The AD8350 offers a power enable function for power-
sensitive applications. The AD8350 is fabricated using Analog
Devices’ proprietary high speed complementary bipolar process.
The device is available in the industrial (–40
°C to +85°C)
temperature range.
8-Lead SOIC Package (with Enable)
1
2
3
4
8
7
6
5
AD8350
IN+
IN–
ENBL
OUT+
OUT–
VCC
GND
+
–
GND


Similar Part No. - AD8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350 AD-AD8350 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
AD8350-EVAL AD-AD8350-EVAL Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350AR15 AD-AD8350AR15 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
AD8350AR15-REEL AD-AD8350AR15-REEL Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
More results

Similar Description - AD8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
Low Distortion 1.0 GHz Differential Amplifier
REV.A
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com