Electronic Components Datasheet Search
  English  ▼

X  

AD8350 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8350
Description  Low Distortion 1.0 GHz Differential Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8350 Datasheet HTML 3Page - Analog Devices AD8350 Datasheet HTML 4Page - Analog Devices AD8350 Datasheet HTML 5Page - Analog Devices AD8350 Datasheet HTML 6Page - Analog Devices AD8350 Datasheet HTML 7Page - Analog Devices AD8350 Datasheet HTML 8Page - Analog Devices AD8350 Datasheet HTML 9Page - Analog Devices AD8350 Datasheet HTML 10Page - Analog Devices AD8350 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REV. 0
AD8350
–9–
Figure 30 shows how the AD8350 input can be matched for a
single-ended drive. The unused input is ac-coupled to ground
using a low impedance (i.e., high value) capacitance. The S-
Parameters for this configuration are shown in Tables III and
IV. These values assume a single-ended source impedance of
50
Ω and a differential load impedance of 50 Ω. As in the case
of a differential drive, a simultaneous conjugate match must be
performed to correctly match both input and output.
8
7
6
5
1
2
3
4
AD8350
–
ENBL
(+5V)
+VS (+5V TO +10V)
C2
0.1 F
C2
C2
0.001 F
C1
L2
L1
Figure 30. Matching Circuit for Single-Ended Drive
Evaluation Board
Figure 31 shows the schematic of the AD8350 evaluation board
as it is shipped from the factory. The board is configured to
allow easy evaluation using single-ended 50
Ω test equipment.
The input and output transformers have a 4-to-1 impedance
ratio and transform the AD8350’s 200
Ω input and output
impedances to 50
Ω. In this mode, 0 Ω resistors (R1 and R4)
are required.
To allow compensation for the insertion loss of the transform-
ers, a calibration path is provided at Test In and Test Out. This
consists of two transformers connected back to back.
To drive and load the board differentially, transformers T1 and
T2 should be removed and replaced with four 0
Ω resistors
(0805 size); Resistors R1 and R4 (0
Ω) should also be removed.
This yields a circuit with a broadband input and output imped-
ance of 200
Ω. To match to impedances other than this, match-
ing components (0805 size) can be placed on pads C1, C2, C3,
C4, L1 and L2.
8
7
6
5
1
2
3
4
AD8350
–
+VS
C5
0.1 F
L1
(OPEN)
L2
(OPEN)
C3
0.001 F
C2
0.001 F
C4
0.001 F
+VS
1
2
3
A
B
SW1
61
R2
0
C1
0.001 F
R1
0
T1: TC4-1W
(MINI CIRCUITS)
IN–
IN+
R3
0
6
T2: TC4-1W
(MINI CIRCUITS)
R4
0
OUT–
OUT+
16
T4: TC4-1W
(MINI CIRCUITS)
TEST OUT
61
T3: TC4-1W
(MINI CIRCUITS)
TEST IN
1
Figure 31. AD8350 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com