Electronic Components Datasheet Search
  English  ▼

X  

AD8350 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8350
Description  Low Distortion 1.0 GHz Differential Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350 Datasheet(HTML) 2 Page - Analog Devices

  AD8350 Datasheet HTML 1Page - Analog Devices AD8350 Datasheet HTML 2Page - Analog Devices AD8350 Datasheet HTML 3Page - Analog Devices AD8350 Datasheet HTML 4Page - Analog Devices AD8350 Datasheet HTML 5Page - Analog Devices AD8350 Datasheet HTML 6Page - Analog Devices AD8350 Datasheet HTML 7Page - Analog Devices AD8350 Datasheet HTML 8Page - Analog Devices AD8350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV. 0
–2–
AD8350-15–SPECIFICATIONS
(@ +25 C, VS = +5 V, G = 15 dB, unless otherwise noted. All specifications refer
to differential inputs and differential outputs unless noted.)
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VS = +5 V, VOUT = 1 V p-p
0.9
GHz
VS = +10 V, VOUT = 1 V p-p
1.1
GHz
Bandwidth for 0.1 dB Flatness
VS = +5 V, VOUT = 1 V p-p
270
MHz
VS = +10 V, VOUT = 1 V p-p
270
MHz
Slew Rate
VOUT = 1 V p-p
2000
V/
µs
Settling Time
0.1%, VOUT = 1 V p-p
10
ns
Gain (S21)
1
VS = +5 V, f = 50 MHz
14
15
16
dB
Gain Supply Sensitivity
VS = +5 V to +10 V, f = 50 MHz
0.003
dB/V
Gain Temperature Sensitivity
TMIN to TMAX
–0.002
dB/
°C
Isolation (S12)
1
f = 50 MHz
–18
dB
NOISE/HARMONIC PERFORMANCE
50 MHz Signal
Second Harmonic
VS = +5 V, VOUT = 1 V p-p
–66
dBc
VS = +10 V, VOUT = 1 V p-p
–67
dBc
Third Harmonic
VS = +5 V, VOUT = 1 V p-p
–65
dBc
VS = +10 V, VOUT = 1 V p-p
–70
dBc
Output Second Order Intercept
2
VS = +5 V
52
dBm
VS = +10 V
52
dBm
Output Third Order Intercept
2
VS = +5 V
22
dBm
VS = +10 V
23
dBm
250 MHz Signal
Second Harmonic
VS = +5 V, VOUT = 1 V p-p
–48
dBc
VS = +10 V, VOUT = 1 V p-p
–49
dBc
Third Harmonic
VS = +5 V, VOUT = 1 V p-p
–52
dBc
VS = +10 V, VOUT = 1 V p-p
–61
dBc
Output Second Order Intercept
2
VS = +5 V
33
dBm
VS = +10 V
34
dBm
Output Third Order Intercept
2
VS = +5 V
18
dBm
VS = +10 V
22
dBm
1 dB Compression Point (RTI)
2
VS = +5 V
2
dBm
VS = +10 V
5
dBm
Voltage Noise (RTI)
f = 150 MHz
1.7
nV/
√Hz
Noise Figure
f = 150 MHz
6.8
dB
INPUT/OUTPUT CHARACTERISTICS
Differential Offset Voltage (RTI)
VOUT+ – VOUT–
±1mV
Differential Offset Drift
TMIN to TMAX
0.02
mV/
°C
Input Bias Current
15
µA
Input Resistance
Real
200
Ω
Input Capacitance
2pF
CMRR
f = 50 MHz
–67
dB
Output Resistance
Real
200
Ω
Output Capacitance
2pF
POWER SUPPLY
Operating Range
+4
+11.0
V
Quiescent Current
Powered Up, VS = +5 V
25
28
32
mA
Powered Down, VS = +5 V
3
3.8
5.5
mA
Powered Up, VS = +10 V
27
30
34
mA
Powered Down, VS = +10 V
3
4
6.5
mA
Power-Up/Down Switching
15
ns
Power Supply Rejection Ratio
f = 50 MHz, VS ∆ = 1 V p-p
–58
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
NOTES
1See Tables I–IV for complete list of S-Parameters.
2Re: 50
Ω.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com